Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 2 (of 2): Peripheral Units
PDF  729 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 18Page - Infineon Technologies AG XC2000 Datasheet HTML 19Page - Infineon Technologies AG XC2000 Datasheet HTML 20Page - Infineon Technologies AG XC2000 Datasheet HTML 21Page - Infineon Technologies AG XC2000 Datasheet HTML 22Page - Infineon Technologies AG XC2000 Datasheet HTML 23Page - Infineon Technologies AG XC2000 Datasheet HTML 24Page - Infineon Technologies AG XC2000 Datasheet HTML 25Page - Infineon Technologies AG XC2000 Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 729 page
background image
XC2000 Derivatives
Peripheral Units (Vol. 2 of 2)
The General Purpose Timer Units
Preliminary
User’s Manual
14-4
V1.0, 2007-06
GPT_X7, V2.0
14.1.1
GPT1 Core Timer T3 Control
The current contents of the core timer T3 are reflected by its count register T3. This
register can also be written to by the CPU, for example, to set the initial start value.
The core timer T3 is configured and controlled via its bitaddressable control register
T3CON.
GPT12E_T3CON
Timer 3 Control Register
SFR (FF42
H/A1H)
Reset Value: 0000
H
15
14
13
12
11
10
98
76
543
210
T3
R
DIR
T3
CH
DIR
T3
ED
GE
BPS1
T3
OTL
T3
OE
T3
UDE
T3
UD
T3R
T3M
T3I
rh
rwh
rwh
rw
rwh
rw
rw
rw
rw
rw
rw
Field
Bits
Type
Description
T3RDIR
15
rh
Timer T3 Rotation Direction Flag
0
Timer T3 counts up
1
Timer T3 counts down
T3CHDIR
14
rwh
Timer T3 Count Direction Change Flag
This bit is set each time the count direction of timer
T3 changes. T3CHDIR must be cleared by SW.
0
No change of count direction was detected
1
A change of count direction was detected
T3EDGE
13
rwh
Timer T3 Edge Detection Flag
The bit is set each time a count edge is detected.
T3EDGE must be cleared by SW.
0
No count edge was detected
1
A count edge was detected
BPS1
[12:11] rw
GPT1 Block Prescaler Control
Selects the basic clock for block GPT1
(see also Section 14.1.5)
00
f
GPT/8
01
f
GPT/4
10
f
GPT/32
11
f
GPT/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com