Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 73 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 2 (of 2): Peripheral Units
PDF  729 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 73 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 69Page - Infineon Technologies AG XC2000 Datasheet HTML 70Page - Infineon Technologies AG XC2000 Datasheet HTML 71Page - Infineon Technologies AG XC2000 Datasheet HTML 72Page - Infineon Technologies AG XC2000 Datasheet HTML 73Page - Infineon Technologies AG XC2000 Datasheet HTML 74Page - Infineon Technologies AG XC2000 Datasheet HTML 75Page - Infineon Technologies AG XC2000 Datasheet HTML 76Page - Infineon Technologies AG XC2000 Datasheet HTML 77Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 729 page
background image
XC2000 Derivatives
Peripheral Units (Vol. 2 of 2)
The General Purpose Timer Units
Preliminary
User’s Manual
14-55
V1.0, 2007-06
GPT_X7, V2.0
External Count Clock Input
The external input signals of the GPT2 block are sampled with the GPT2 basic clock (see
Figure 14-20). To ensure that a signal is recognized correctly, its current level (high or
low) must be held active for at least one complete sampling period, before changing. A
signal transition is recognized if two subsequent samples of the input signal represent
different levels. Therefore, a minimum of two basic clock periods are required for the
sampling of an external input signal. Thus, the maximum frequency of an input signal
must not be higher than half the basic clock.
Table 14-17 summarizes the resulting requirements for external GPT2 input signals.
These limitations are valid for all external input signals to GPT2, including the external
count signals in counter mode and the gate input signals in gated timer mode.
Table 14-17 GPT2 External Input Signal Limits
System Clock = 10 MHz Input
Frequ.
Factor
GPT2
Divider
BPS1
Input
Phase
Duration
System Clock = 40 MHz
Max. Input
Frequency
Min. Level
Hold Time
Max. Input
Frequency
Min. Level
Hold Time
2.5 MHz
200 ns
f
GPT/4
01
B
2
× t
GPT
10.0 MHz
50 ns
1.25 MHz
400 ns
f
GPT/8
00
B
4
× t
GPT
5.0 MHz
100 ns
625.0 kHz
800 ns
f
GPT/16
11
B
8
× t
GPT
2.5 MHz
200 ns
312.5 kHz
1.6
µs
f
GPT/32
10
B
16
× t
GPT
1.25 MHz
400 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com