Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 77 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 2 (of 2): Peripheral Units
PDF  729 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 77 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 73Page - Infineon Technologies AG XC2000 Datasheet HTML 74Page - Infineon Technologies AG XC2000 Datasheet HTML 75Page - Infineon Technologies AG XC2000 Datasheet HTML 76Page - Infineon Technologies AG XC2000 Datasheet HTML 77Page - Infineon Technologies AG XC2000 Datasheet HTML 78Page - Infineon Technologies AG XC2000 Datasheet HTML 79Page - Infineon Technologies AG XC2000 Datasheet HTML 80Page - Infineon Technologies AG XC2000 Datasheet HTML 81Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 729 page
background image
XC2000 Derivatives
Peripheral Units (Vol. 2 of 2)
The General Purpose Timer Units
Preliminary
User’s Manual
14-59
V1.0, 2007-06
GPT_X7, V2.0
BPNOM
7w
Bit Protection for NOMCFG
This bit enables the write access to the bit field
NOMCFG. It always reads 0. It is only active during
the write access cycle.
0
B
NOMCFG is not changed.
1
B
NOMCFG is updated with the written value.
Note: This bit is reset by an application reset.
SUMCFG
[9:8]
rw
Suspend Mode Configuration
This bit field defines the kernel mode applied in
suspend mode.
0X
B
The module is switched on.
1X
B
The module is switched off.
This field is taken into account for CR = 01.
Note: This bit is reset by a debug reset.
BPSUM
11
w
Bit Protection for SUMCFG
This bit enables the write access to the bit field
SUMCFG. It always reads 0. It is only active during
the write access cycle.
0
B
SUMCFG is not changed.
1
B
SUMCFG is updated with the written value.
Note: This bit is reset by a debug reset.
COMCFG
[13:12]
rw
Clock Off Mode Configuration
This bit field defines the kernel mode applied in clock
off mode.
0X
B
The module is switched on.
1X
B
The module is switched off.
This field is taken into account for CR = 10.
Note: This bit is reset by an application reset.
BPCOM
15
w
Bit Protection for COMCFG
This bit enables the write access to the bit field
COMCFG. It always reads 0. It is only active during
the write access cycle.
0
B
COMCFG is not changed.
1
B
COMCFG is updated with the written value.
Note: This bit is reset by an application reset.
0
[3:2], 6,
10, 14
r
Reserved;
returns 0 if read; should be written with 0;
Field
Bits
Type Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com