Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 89 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 2 (of 2): Peripheral Units
PDF  729 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 89 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 85Page - Infineon Technologies AG XC2000 Datasheet HTML 86Page - Infineon Technologies AG XC2000 Datasheet HTML 87Page - Infineon Technologies AG XC2000 Datasheet HTML 88Page - Infineon Technologies AG XC2000 Datasheet HTML 89Page - Infineon Technologies AG XC2000 Datasheet HTML 90Page - Infineon Technologies AG XC2000 Datasheet HTML 91Page - Infineon Technologies AG XC2000 Datasheet HTML 92Page - Infineon Technologies AG XC2000 Datasheet HTML 93Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 729 page
background image
XC2000 Derivatives
Peripheral Units (Vol. 2 of 2)
Real Time Clock
Preliminary
User’s Manual
15-11
V1.0, 2007-06
RTC_X8, V2.1
15.4
48-bit Timer Operation
The concatenation of timers T14 and COUNT0 … COUNT3 can be regarded as a 48-bit
timer which is clocked with the RTC input frequency, optionally divided by the prescaler.
The reload registers T14REL, RELL, and RELH must be cleared to produce a true binary
48-bit timer. However, any other reload value may be used. Reload values other than
zero must be used carefully, due to the individual sections of the RTC timer with their
own individual overflows and reload values.
The maximum usable timespan is 2
48 (
≈ 1014) T14 input clocks (assuming no prescaler),
which would equal more than 200 years at an oscillator frequency of 32 kHz.
15.5
System Clock Operation
A real time system clock can be maintained that keeps on running also during power
saving modes (optionally) and indicates the current time and date. This is possible
because the RTC module is not affected by a functional reset. After a power reset,
however, the RTC is reset and cleared.
The resolution for this clock information is determined by the input clock of timer T14. By
selecting appropriate reload values each cascaded timer can represent directly a part of
the current time and/or date. Due to its width, T14 can adjust the RTC to the intended
range of operation (time or date). The maximum usable timespan is achieved when
T14REL is loaded with 0000
H and so T14 divides by 2
16.
System Clock Example
The RTC count clock is
f
OSCa (8:1 prescaler off). By selecting appropriate reload values
the RTC timers directly indicate the current time (see Figure 15-4 and Table 15-2).
Figure 15-4
RTC Configuration Example
Note: This setup can generate an interrupt request every millisecond, every second,
every minute, every hour, or every day.
MCA05414
Hours
REL3
3E8
H
CNT3
Minutes
REL2
04
H
CNT2
Seconds
REL1
04
H
CNT1
1/1000
Seconds
REL0
018
H
CNT0
Prescaler
T14REL
FFDF
H
T14
f
CNT =
32.768 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com