Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 41 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 2 (of 2): Peripheral Units
PDF  729 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 41 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 37Page - Infineon Technologies AG XC2000 Datasheet HTML 38Page - Infineon Technologies AG XC2000 Datasheet HTML 39Page - Infineon Technologies AG XC2000 Datasheet HTML 40Page - Infineon Technologies AG XC2000 Datasheet HTML 41Page - Infineon Technologies AG XC2000 Datasheet HTML 42Page - Infineon Technologies AG XC2000 Datasheet HTML 43Page - Infineon Technologies AG XC2000 Datasheet HTML 44Page - Infineon Technologies AG XC2000 Datasheet HTML 45Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 729 page
background image
XC2000 Derivatives
Peripheral Units (Vol. 2 of 2)
The General Purpose Timer Units
Preliminary
User’s Manual
14-23
V1.0, 2007-06
GPT_X7, V2.0
Auxiliary Timer in Reload Mode
Reload Mode for an auxiliary timer Tx is selected by setting bitfield TxM in the respective
register TxCON to 100
B. In reload mode, the core timer T3 is reloaded with the contents
of an auxiliary timer register, triggered by one of two different signals. The trigger signal
is selected the same way as the clock source for counter mode (see Table 14-5), i.e. a
transition of the auxiliary timer’s input TxIN or the toggle latch T3OTL may trigger the
reload.
Note: When programmed for reload mode, the respective auxiliary timer (T2 or T4) stops
independently of its run flag T2R or T4R.
The timer input pin TxIN must be configured as input if it shall trigger a reload
operation.
Figure 14-16 GPT1 Auxiliary Timer in Reload Mode
Upon a trigger signal, T3 is loaded with the contents of the respective timer register (T2
or T4) and the respective interrupt request flag (T2IR or T4IR) is set.
Note: When a T3OTL transition is selected for the trigger signal, the interrupt request
flag T3IR will also be set upon a trigger, indicating T3’s overflow or underflow.
Modifications of T3OTL via software will NOT trigger the counter function of T2/T4.
To ensure that a transition of the reload input signal applied to TxIN is recognized
correctly, its level must be held high or low for a minimum number of module clock
cycles, detailed in Section 14.1.5.
The reload mode triggered by the T3 toggle latch can be used in a number of different
configurations. The following functions can be performed, depending on the selected
active transition:
MCA05400
Toggle Latch
T3OUT
T3IRQ
Count
T3R
Core Timer T3
Operating
Mode
Control
BPS1
TxI
Up/Down
T3IN
f
GPT
Auxiliary
Timer Tx
TxI
Reload
0
1
MUX
TxI.2
TxIN
TxIRQ
x = 2, 4
Edge
Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com