Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 63 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 2 (of 2): Peripheral Units
PDF  729 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 63 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 59Page - Infineon Technologies AG XC2000 Datasheet HTML 60Page - Infineon Technologies AG XC2000 Datasheet HTML 61Page - Infineon Technologies AG XC2000 Datasheet HTML 62Page - Infineon Technologies AG XC2000 Datasheet HTML 63Page - Infineon Technologies AG XC2000 Datasheet HTML 64Page - Infineon Technologies AG XC2000 Datasheet HTML 65Page - Infineon Technologies AG XC2000 Datasheet HTML 66Page - Infineon Technologies AG XC2000 Datasheet HTML 67Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 729 page
background image
XC2000 Derivatives
Peripheral Units (Vol. 2 of 2)
The General Purpose Timer Units
Preliminary
User’s Manual
14-45
V1.0, 2007-06
GPT_X7, V2.0
Timer T5 in Gated Timer Mode
Gated timer mode for the auxiliary timer T5 is selected by setting bitfield T5M in register
T5CON to 010
B or 011B. Bit T5M.0 (T5CON.3) selects the active level of the gate input.
Note: A transition of the gate signal at line T5IN does not cause an interrupt request.
Figure 14-26 Block Diagram of Auxiliary Timer T5 in Gated Timer Mode
Note: There is no output toggle latch for T5.
Start/stop of the auxiliary timer can be controlled locally or remotely.
Timer T5 in Counter Mode
Counter mode for auxiliary timer T5 is selected by setting bitfield T5M in register T5CON
to 001
B. In counter mode, the auxiliary timer can be clocked either by a transition at its
external input line T5IN, or by a transition of timer T6’s toggle latch T6OTL. The event
causing an increment or decrement of a timer can be a positive, a negative, or both a
positive and a negative transition at either the respective input pin or at the toggle latch.
Bitfield T5I in control register T5CON selects the triggering transition (see Table 14-12).
Prescaler
Gate
Ctrl.
Auxiliary
Timer T5
BPS2
T5I
T5IN
f
GPT
f
T5
Count
T5IRQ
MCB05407_X4
MUX
T5RC
T5R
T6R
Clear
Up/Down
0
1
MUX
0
1
T5EUD
=1
T5UD
T5UDE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com