Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 23 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 2 (of 2): Peripheral Units
PDF  729 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 23 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 19Page - Infineon Technologies AG XC2000 Datasheet HTML 20Page - Infineon Technologies AG XC2000 Datasheet HTML 21Page - Infineon Technologies AG XC2000 Datasheet HTML 22Page - Infineon Technologies AG XC2000 Datasheet HTML 23Page - Infineon Technologies AG XC2000 Datasheet HTML 24Page - Infineon Technologies AG XC2000 Datasheet HTML 25Page - Infineon Technologies AG XC2000 Datasheet HTML 26Page - Infineon Technologies AG XC2000 Datasheet HTML 27Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 729 page
background image
XC2000 Derivatives
Peripheral Units (Vol. 2 of 2)
The General Purpose Timer Units
Preliminary
User’s Manual
14-5
V1.0, 2007-06
GPT_X7, V2.0
T3OTL
10
rwh
Timer T3 Overflow Toggle Latch
Toggles on each overflow/underflow of T3. Can be
set or reset by software (see separate description)
T3OE
9rw
Overflow/Underflow Output Enable
0
Alternate Output Function Disabled
1
State of T3 toggle latch is output on pin T3OUT
T3UDE
8rw
Timer T3 External Up/Down Enable
1)
0
Input T3EUD is disconnected
1
Direction influenced by input T3EUD
T3UD
7rw
Timer T3 Up/Down Control
1)
0
Timer T3 counts up
1
Timer T3 counts down
T3R
6rw
Timer T3 Run Bit
0Timer T3 stops
1Timer T3 runs
T3M
[5:3]
rw
Timer T3 Mode Control (Basic Operating Mode)
000
Timer Mode
001
Counter Mode
010
Gated Timer Mode with gate active low
011
Gated Timer Mode with gate active high
100
Reserved. Do not use this combination.
101
Reserved. Do not use this combination.
110
Incremental Interface Mode
(Rotation Detection Mode)
111
Incremental Interface Mode
(Edge Detection Mode)
T3I
[2:0]
rw
Timer T3 Input Parameter Selection
Depends on the operating mode, see respective
sections for encoding:
Table 14-7 for Timer Mode and Gated Timer Mode
Table 14-2 for Counter Mode
Table 14-3 for Incremental Interface Mode
1) See Table 14-1 for encoding of bits T3UD and T3UDE.
Field
Bits
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com