Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 102 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 2 (of 2): Peripheral Units
PDF  729 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 102 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 98Page - Infineon Technologies AG XC2000 Datasheet HTML 99Page - Infineon Technologies AG XC2000 Datasheet HTML 100Page - Infineon Technologies AG XC2000 Datasheet HTML 101Page - Infineon Technologies AG XC2000 Datasheet HTML 102Page - Infineon Technologies AG XC2000 Datasheet HTML 103Page - Infineon Technologies AG XC2000 Datasheet HTML 104Page - Infineon Technologies AG XC2000 Datasheet HTML 105Page - Infineon Technologies AG XC2000 Datasheet HTML 106Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 729 page
background image
XC2000 Derivatives
Peripheral Units (Vol. 2 of 2)
Analog to Digital Converter
Preliminary
User’s Manual
16-8
V1.0, 2007-06
ADC, UM_V0.1D6
synchronized to ADC-external events, such as timer signals or port pins. For each
request source, the user can select an input signal (from 4 possible signals
REQTRx[D:A]) as trigger input REQTRx and an input signal (from 4 possible signals
REQGTx[D:A]) as gating input REQGTx.
•
Request source 0 (1-stage sequential source) can issue a conversion request for a
single input channel. The channel number can directly be programmed.
This mechanism could be used for SW-controlled conversion requests or HW-
triggered conversions of a single input channel. If programmed with a high priority, it
can interrupt the sequences of the other request sources to inject a single
conversion.
•
Request source 1 (16-channel scan source) can issue conversion requests for a
sequence of up to 16 input channels. It can be programmed which channel takes part
in this sequence. The sequence always starts with the highest enabled channel
number and continues towards lower channel numbers (order defined by the channel
number, each channel can be converted only once per sequence).
This mechanism could be used to scan input channels permanently or on a regular
time base. For example, if programmed with a low priority, some input channels can
be scanned in a background task to update information that is not time-critical.
•
Request source 2 (4-stage sequential source) can issue a conversion request for a
sequence of up to 4 input channels. The channel numbers can be freely
programmed, especially multiple conversions of the same channel within the
sequence are supported.
This mechanism could be used to support application-specific conversion sequences
that can not be covered by the scanning mechanism of request source 1. Especially
for timing-critical sequences containing multiple conversions of the same channel,
request source 2 should be used. For example, if programmed with a medium
priority, some input channels can be converted when a specified event occurs (e.g.
synchronized to a PWM) while the scan of other input channels of the background
task (handled by request source 1) is interrupted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com