Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 106 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 2 (of 2): Peripheral Units
PDF  729 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 106 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 102Page - Infineon Technologies AG XC2000 Datasheet HTML 103Page - Infineon Technologies AG XC2000 Datasheet HTML 104Page - Infineon Technologies AG XC2000 Datasheet HTML 105Page - Infineon Technologies AG XC2000 Datasheet HTML 106Page - Infineon Technologies AG XC2000 Datasheet HTML 107Page - Infineon Technologies AG XC2000 Datasheet HTML 108Page - Infineon Technologies AG XC2000 Datasheet HTML 109Page - Infineon Technologies AG XC2000 Datasheet HTML 110Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 729 page
background image
XC2000 Derivatives
Peripheral Units (Vol. 2 of 2)
Analog to Digital Converter
Preliminary
User’s Manual
16-12
V1.0, 2007-06
ADC, UM_V0.1D6
a fast external blocking capacitor CEXT at the analog input pin of the ADC. Like this,
mainly CEXT delivers the charge during the sample phase. This structure allows a
significantly shorter sample phase than without a blocking capacitor, because the low-
pass time constant defining the sample time is mainly given by the values of
RAIN and
CAIN.
Additionally, the capacitor CAIN is automatically precharged to a voltage of approximately
the half of the standard reference voltage
VAREF to minimize the average difference
between VAINx and VC at the beginning of a sample phase. Due to varying parameters
and parasitic effects, the precharge voltage of
CAIN is typically smaller than VAREF /2.
On the other hand, the charge redistribution between CEXT and CAIN leads to a voltage
change of VAINx during the sample phase. In order to keep this voltage change lower
than 1 LSBn, it is recommended to use an external blocking capacitor CEXT in the range
of at least 2n
× C
AIN.
The resulting low-pass filter of REXT and CEXT should be dimensioned in a way to allow
VAINx to follow VS between two sample phases of the same analog input channel.
Please note that, especially at high temperatures, the analog input structure of an ADC
can lead to a leakage current and introduces an error due to a voltage drop over REXT.
The ADC input leakage current increases if the input voltage level is close to the analog
supply ground
VSS or to the analog power supply VDDPA. It is recommended to use an
operating range for the input voltage between approximately 3% and 97% of
VDDPA to
reduce input leakage values.
Furthermore, the leakage is influenced by an overload condition at adjacent analog
inputs. During an overload condition, an input voltage exceeding the supply range is
applied at an input and the built-in protection circuit limits the resulting input voltage. This
leads to an overload current through the protection circuit that is translated (by a coupling
factor) into an additional leakage at adjacent inputs.
16.1.8.2
Reference Path
During the conversion phase, parts of the capacitor field
CAIN are switched to a reference
input or to VAGND. The ADC kernel supports two possible reference inputs, VAREF as
standard reference and CH0 as alternative reference. The reference selection between
both possibilities is handled individually for each analog input channel. For example, this
structure allows conversions of 5 V and 3.3 V based analog input signals with the same
ADC kernel.
A high accuracy of the conversion results requires a stable and noise-free reference
voltage and analog supply voltages during the conversion phase. Instable voltages or
noise on the supply or reference inputs lead to a reduced conversion accuracy. Please
note that noise can also be introduced into the ADC module by other modules, e.g. by
switching of neighboring pins. It is strongly recommended to carefully decouple analog
from digital signal domains.
Due to the switching of parts of
CAIN, the ADC requires a dynamic current at the selected
reference input. Thus, the impedance
RAREF of the reference voltage source VR has to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com