Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 110 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 2 (of 2): Peripheral Units
PDF  729 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 110 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 106Page - Infineon Technologies AG XC2000 Datasheet HTML 107Page - Infineon Technologies AG XC2000 Datasheet HTML 108Page - Infineon Technologies AG XC2000 Datasheet HTML 109Page - Infineon Technologies AG XC2000 Datasheet HTML 110Page - Infineon Technologies AG XC2000 Datasheet HTML 111Page - Infineon Technologies AG XC2000 Datasheet HTML 112Page - Infineon Technologies AG XC2000 Datasheet HTML 113Page - Infineon Technologies AG XC2000 Datasheet HTML 114Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 729 page
background image
XC2000 Derivatives
Peripheral Units (Vol. 2 of 2)
Analog to Digital Converter
Preliminary
User’s Manual
16-16
V1.0, 2007-06
ADC, UM_V0.1D6
16.2.1
Register Overview
Table 16-2 shows all registers required for programming the ADC module. It
summarizes the ADC kernel registers and defines their relative addresses and the reset
values. The relative addresses have to be added to the base addresses for the ADC
kernels (see Section 16.3.1) to obtain the absolute address for each register.
The prefix “ADCx_” has to be added to the register names in this table for each ADC
kernel to distinguish registers of the different kernels. In this naming convention, x
indicates the kernel number.
All ADC registers (including KSCFG.NOMCFG and KSCFG.COMCFG) are reset by a
class 3 reset, whereas bit field KSCFG.SUMCFG is reset by a class 1 reset.
Note: Register bits marked “w” always deliver 0 when read.
Table 16-2
ADC Module Register Summary
Short Name
Description
Rel. 1)
Addr.
See
Page
General Registers
PISEL
Port Input Select Register
04H
Page 16-31
KSCFG2)
Kernel State Configuration Register
0CH
Page 16-24
GLOBCTR
Global Control Register
10H
Page 16-26
GLOBSTR
Global Status Register
12H
Page 16-28
Arbiter Registers
ASENR
Arbitration Slot Enable Register
18H
Page 16-37
RSPR0
Request Source Priority Register 0
14H
Page 16-38
Channel-Related Registers
CHCTR0-15
Channel Control Register 0-15
20H-
3EH
Page 16-68
INPCR0
Input Class Register 0
C0H
Page 16-70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com