Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 108 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 2 (of 2): Peripheral Units
PDF  729 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 108 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 104Page - Infineon Technologies AG XC2000 Datasheet HTML 105Page - Infineon Technologies AG XC2000 Datasheet HTML 106Page - Infineon Technologies AG XC2000 Datasheet HTML 107Page - Infineon Technologies AG XC2000 Datasheet HTML 108Page - Infineon Technologies AG XC2000 Datasheet HTML 109Page - Infineon Technologies AG XC2000 Datasheet HTML 110Page - Infineon Technologies AG XC2000 Datasheet HTML 111Page - Infineon Technologies AG XC2000 Datasheet HTML 112Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 729 page
background image
XC2000 Derivatives
Peripheral Units (Vol. 2 of 2)
Analog to Digital Converter
Preliminary
User’s Manual
16-14
V1.0, 2007-06
ADC, UM_V0.1D6
16.1.9
Transfer Characteristics and Error Definitions
The ideal transfer characteristic of the ADC translates a continuous analog input voltage
into a discrete digital value out of a result range of 2n steps for n bit resolution over a
measurement range between 0 and a reference voltage. Each digital value in the
available result range (from 0 to 2n-1) represents an input voltage range that is defined
by the reference voltage divided by 2n. This range (called quantization step) represents
the smallest granularity (called LSBn) that can be handled by the ADC. Due to the
discrete character of the digital result, each ADC conversion result has a system-
inherent quantization uncertainty of ± 0.5 LSBn. According to the ideal transfer
characteristics, the first digital transition (between the digital values 0 and 1) takes place
when the analog input reaches 0.5 LSBn.
An analog input voltage above the reference voltage leads to a saturation of the digital
result at 2n-1.
Deviations of the conversion result from the ideal transfer characteristics can appear:
•An offset error is the deviation from the ideal transfer characteristics for an input
voltage close to 0. It describes the difference between 0.5 LSBn and the input voltage
where the first digital transition (between the values of 0 and 1) occurs.
•A gain error is the deviation from the ideal transfer characteristics for an input
voltage close to the reference voltage. It describes the difference between the
reference voltage and the input voltage where the last digital transition (between the
values of 2n-2 and 2n-1) occurs.
•A differential non-linearity error (DNL) describes the variations in the analog input
voltage between two adjacent digital conversion results, over the full measurement
range. If each step between the digital conversion results x and x+1 is exactly
1LSBn, the DNL value is zero. If the DNL value is lower than 1 LSBn, the possibility
of missing codes is excluded. A missing code occurs if not all values of the possible
conversion result range can be reached.
•An integral non-linearity error (INL) describes the maximum difference between
the transfer characteristics between the first and the last point of the measurement
range and the real transfer characteristics (without quantization uncertainty, offset
and gain errors).
•The total unadjusted error (TUE) describes the maximum deviation between a real
conversion result and the ideal transfer characteristics over a given measurement
range. Since some of these errors noted above can compensate each other, the TUE
value generally is much less than the sum of the individual errors.
The TUE also covers production process variations and internal noise effects (if
switching noise is generated by the system, this generally leads to an increased TUE
value).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com