Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 105 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 2 (of 2): Peripheral Units
PDF  729 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 105 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 101Page - Infineon Technologies AG XC2000 Datasheet HTML 102Page - Infineon Technologies AG XC2000 Datasheet HTML 103Page - Infineon Technologies AG XC2000 Datasheet HTML 104Page - Infineon Technologies AG XC2000 Datasheet HTML 105Page - Infineon Technologies AG XC2000 Datasheet HTML 106Page - Infineon Technologies AG XC2000 Datasheet HTML 107Page - Infineon Technologies AG XC2000 Datasheet HTML 108Page - Infineon Technologies AG XC2000 Datasheet HTML 109Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 729 page
background image
XC2000 Derivatives
Peripheral Units (Vol. 2 of 2)
Analog to Digital Converter
Preliminary
User’s Manual
16-11
V1.0, 2007-06
ADC, UM_V0.1D6
16.1.8
Electrical Models
Each conversion of an analog input voltage into a digital value consists of two
consecutive phases. During the sample phase, the input voltage is sampled and
prepared for the following conversion phase. A simplified model for the sample phase
describes the input signal path, whereas a second simplified model for the conversion
phase is related to the reference voltage handling.
16.1.8.1
Input Signal Path
The ADC kernel in the XC2000 is based on one switched capacitor field for
measurement with a total capacity represented by
CAIN and a small static capacitor at
each input pin. During the sample phase, the capacitor field
CAIN is connected to one of
the analog input CHx via an input multiplexer. The multiplexer is modeled by ideal
switches and series resistors
RAIN. Only the switch to the selected analog input is closed
during the sample phase. During the conversion phase or while no conversion is running
(ADC is idle), all switches are open. The voltage at the analog input channel CHx is
represented by VAINx.
Figure 16-4
Signal Path Model
A simplified model for the analog input signal path is given in Figure 16-4. An analog
voltage source (value VS) with an internal impedance of REXT delivers the analog input
that should be converted.
During the sample phase the corresponding switch is closed and the capacitor field CAIN
is charged. Due to the low-pass behavior of the resulting RC combination, the voltage
VC to be actually converted does not immediately follow VS. The value REXT of the
analog voltage source and the desired precision of the conversion strongly define the
required length of the sample phase.
To reduce the influence of R
REXT and to filter input noise, it is recommended to introduce
ADC_signal_path_model
ADC kernel
C
AIN
R
AIN
V
AGND
CHx
CH0
CH15
C
EXT
V
AINx
R
EXT
V
S
V
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com