Electronic Components Datasheet Search
  English  ▼

X  

38D2 Datasheet(PDF) 126 Page - Renesas Technology Corp

Part # 38D2
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38D2 Datasheet(HTML) 126 Page - Renesas Technology Corp

Back Button 38D2 Datasheet HTML 122Page - Renesas Technology Corp 38D2 Datasheet HTML 123Page - Renesas Technology Corp 38D2 Datasheet HTML 124Page - Renesas Technology Corp 38D2 Datasheet HTML 125Page - Renesas Technology Corp 38D2 Datasheet HTML 126Page - Renesas Technology Corp 38D2 Datasheet HTML 127Page - Renesas Technology Corp 38D2 Datasheet HTML 128Page - Renesas Technology Corp 38D2 Datasheet HTML 129Page - Renesas Technology Corp 38D2 Datasheet HTML 130Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 136 page
background image
Rev.3.02
Apr 10, 2008
Page 126 of 131
REJ03B0177-0302
38D2 Group
Notes on LCD Drive Control Circuit
1. Setting Data to LCD Display RAM
To write data to the LCD display RAM when the LCD enable bit
is set to “1” and while LCD is turned on, set fixed data.
Rewriting with temporary data may cause LCD to flicker. The
following shows a processing example to write data to the LCD
display RAM while LCD is turned on.
Fig. 104 Processing example when writing data to LCD display RAM While LCD Turned On
(1) Ccorrect processing
LCD
on
LCD
on or
off
*Content at address 004016: “FF16”
Off
On
Set LCD display RAM data
LRAM0 (address 004016) ← “FF16”
LCD on or off?
Set LCD display RAM data
LRAM0 (address 004016) ←“0016”
・
Set fixed data to LCD display RAM
(2) Incorrect processing
LCD
on
LCD
on or
off
*Content at address 004016: “FF16”
Off
On
Set LCD display RAM data
LRAM0 (address 004016) ← “FF16”
LCD on or off?
Set LCD display RAM data
LRAM0 (address 004016) ←“0016”
・
Set off data to LCD display RAM
LCD
off
・
Set fixed data to LCD display RAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com