Electronic Components Datasheet Search
  English  ▼

X  

7545 Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # 7545
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7545 Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button 7545 Datasheet HTML 31Page - Renesas Technology Corp 7545 Datasheet HTML 32Page - Renesas Technology Corp 7545 Datasheet HTML 33Page - Renesas Technology Corp 7545 Datasheet HTML 34Page - Renesas Technology Corp 7545 Datasheet HTML 35Page - Renesas Technology Corp 7545 Datasheet HTML 36Page - Renesas Technology Corp 7545 Datasheet HTML 37Page - Renesas Technology Corp 7545 Datasheet HTML 38Page - Renesas Technology Corp 7545 Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 62 page
background image
Rev.1.06
Mar 07, 2008
Page 35 of 59
REJ03B0140-0106
7545 Group
Fig. 34 Timing diagram at reset
Fig. 35 Block diagram of watchdog timer and reset circuit
f(XIN)
f(XIN) 16384 pulses
RESET
Internal reset signal
CPU clock
φ
?
?
?FFFCFFFD
?
?
?
?
ADL
ADH
?
ADH, ADL
SYNC
Data
Address
Write "FF16" to
the watchdog timer
control register
XIN
Watchdog timer H count source selection bit
"0"
"1"
Watchdog timer H(8)
Reset circuit
Watchdog timer L(8)
Voltage drop detection circuit
Power-on reset circuit
Internal reset
1/16
STP instuction function selection bit
STP instruction
RESET
Write "FF16" to
the watchdog timer
control register
Count start
(Watchdog timer disable bit
(bit 0 of FSROM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com