Electronic Components Datasheet Search
  English  ▼

X  

7545 Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # 7545
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7545 Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button 7545 Datasheet HTML 23Page - Renesas Technology Corp 7545 Datasheet HTML 24Page - Renesas Technology Corp 7545 Datasheet HTML 25Page - Renesas Technology Corp 7545 Datasheet HTML 26Page - Renesas Technology Corp 7545 Datasheet HTML 27Page - Renesas Technology Corp 7545 Datasheet HTML 28Page - Renesas Technology Corp 7545 Datasheet HTML 29Page - Renesas Technology Corp 7545 Datasheet HTML 30Page - Renesas Technology Corp 7545 Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 62 page
background image
Rev.1.06
Mar 07, 2008
Page 27 of 59
REJ03B0140-0106
7545 Group
3. Timer 3
Timer 3 is an 8-bit timer and counts the clock selected by the
timer 3 count source selection bit. When Timer 3 underflows, the
timer 3 interrupt request bit is set to “1”.
Timer 3 has a timer latch to retain the reload value.
The value written to timer 3 (T3) while timer 3 is stopped is
transferred to the timer latch and the counter.
After the count of timer 3 (T3) starts, the value written to timer 3
is transferred only to the timer 3 latch. The value is not
transferred to the counter at write.
When timer underflows, the value of timer 3 latch is transferred
to the counter. (Since a count value of a timer is retained, the
written value becomes the count value of the timer after the next
underflow.)
When timer 3 (T3) is read, the count value of the timer is read.
When the timer 3 is read, the count value of timer 3 is read since
the count value of the timer 3 is retained until writing to timer 3
(T3) is performed after timer 3 is stopped.
Timer 3 always operates in the timer mode.
Timer 3 counts the clock selected by the timer 3 count source
selection bit. The contents of Timer 3 is decremented by 1 each
time the count clock is input.
The division ratio of Timer 3 is 1/(n+1) provided that the value
of Timer 3 is n.
Timer 3 is stopped by setting “1” to the timer 3 count stop bit.
Timer 2 and timer 3 are also used for the control timer of the
carrier wave control circuit.
Fig. 22 Structure of timer count source set register
Fig. 23 Timer 1, 2, 3 control register
b7
b0
Timer count source set register
(TCSS : address 002A16, initial value: 0016)
Timer 2 count source selection bits
b1 b0
0
0 : f(XIN)/16
0
1 : f(XIN)/2
1
0 : f(XIN)/8
1
1 : f(XIN)/1
Disable (return “0” when read)
Timer 3 count source selection bits
b3 b2
0
0 : f(XIN)/16
0
1 : f(XIN)/2
1
0 : f(XIN)/8
1
1 : Carrier wave output (CARRY)
b7
Timer 1, 2, 3 control register
(TC123 : address 002B16, initial value: 0616)
Timer 1 count stop bit
0: Count start
1: Count stop
Timer 2 count stop bit
0: Count start
1: Count stop
Timer 3 count stop bit
0: Count start
1: Count stop
Disable (return “0” when read)
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com