Electronic Components Datasheet Search
  English  ▼

X  

7545 Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # 7545
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7545 Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button 7545 Datasheet HTML 41Page - Renesas Technology Corp 7545 Datasheet HTML 42Page - Renesas Technology Corp 7545 Datasheet HTML 43Page - Renesas Technology Corp 7545 Datasheet HTML 44Page - Renesas Technology Corp 7545 Datasheet HTML 45Page - Renesas Technology Corp 7545 Datasheet HTML 46Page - Renesas Technology Corp 7545 Datasheet HTML 47Page - Renesas Technology Corp 7545 Datasheet HTML 48Page - Renesas Technology Corp 7545 Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 62 page
background image
Rev.1.06
Mar 07, 2008
Page 45 of 59
REJ03B0140-0106
7545 Group
NOTES ON USE
Countermeasures Against Noise
1. Shortest wiring length
(1) Package
Select the smallest possible package to make the total wiring
length short.
<Reason>
The wiring length depends on a microcomputer package. Use of
a small package, for example QFP and not DIP, makes the total
wiring length short to reduce influence of noise.
Fig. 48 Selection of packages
(2) Wiring for RESET pin
Make the length of wiring which is connected to the RESET pin
as short as possible. Especially, connect a capacitor across the
RESET pin and the VSS pin with the shortest possible wiring
(within 20mm).
<Reason>
The width of a pulse input into the RESET pin is determined by
the timing necessary conditions. If noise having a shorter pulse
width than the standard is input to the RESET pin, the reset is
released before the internal state of the microcomputer is
completely initialized. This may cause a program runaway.
Fig. 49 Wiring for the RESET pin
(3) Wiring for clock input/output pins
• Make the length of wiring which is connected to clock I/O pins
as short as possible.
• Make the length of wiring (within 20 mm) across the
grounding lead of a capacitor which is connected to an
oscillator and the VSS pin of a microcomputer as short as
possible.
• Separate the VSS pattern only for oscillation from other VSS
patterns.
<Reason>
If noise enters clock I/O pins, clock waveforms may be
deformed. This may cause a program failure or program
runaway. Also, if a potential difference is caused by the noise
between the VSS level of a microcomputer and the VSS level of
an oscillator, the correct clock will not be input in the
microcomputer.
Fig. 50 Wiring for clock I/O pins
(4) Wiring to CNVSS pin
Connect CNVSS pin to a GND pattern at the shortest distance.
The GND pattern is required to be as close as possible to the
GND supplied to VSS.
In order to improve the noise reduction, to connect a 5 k
Ω
resistor serially to the CNVSS pin - GND line may be valid.
As well as the above-mentioned, in this case, connect to a GND
pattern at the shortest distance. The GND pattern is required to
be as close as possible to the GND supplied to VSS.
<Reason>
The CNVSS pin of the QzROM is the power source input pin for
the built-in QzROM. When programming in the built-in
QzROM, the impedance of the CNVSS pin is low to allow the
electric current for writing flow into the QzROM. Because of
this, noise can enter easily. If noise enters the CNVSS pin,
abnormal instruction codes or data are read from the built-in
QzROM, which may cause a program runaway.
Fig. 51 Wiring for the VPP pin of the QzPROM
DIP
SDIP
SOP
QFP
RESET
Reset
circuit
Noise
VSS
VSS
Reset
circuit
VSS
RESET
VSS
N.G.
O.K.
Noise
XIN
XOUT
VSS
XIN
XOUT
VSS
N.G.
O.K.
About 5k
Ω
VSS
The shortest
The shortest
CNVSS/VPP
(Note)
(Note)
Note: This indicates pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com