Electronic Components Datasheet Search
  English  ▼

X  

7545 Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # 7545
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7545 Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button 7545 Datasheet HTML 27Page - Renesas Technology Corp 7545 Datasheet HTML 28Page - Renesas Technology Corp 7545 Datasheet HTML 29Page - Renesas Technology Corp 7545 Datasheet HTML 30Page - Renesas Technology Corp 7545 Datasheet HTML 31Page - Renesas Technology Corp 7545 Datasheet HTML 32Page - Renesas Technology Corp 7545 Datasheet HTML 33Page - Renesas Technology Corp 7545 Datasheet HTML 34Page - Renesas Technology Corp 7545 Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 62 page
background image
Rev.1.06
Mar 07, 2008
Page 31 of 59
REJ03B0140-0106
7545 Group
Fig. 29 Control waveform diagram of CARR output by timer 3
Fig. 30 Waveform diagram in 455 kHz carrier wave generating mode
06 05 04 03 02 01 00
02 01 00 03
03
01 00 03 02
02
00
01
02 01 00
03
02 01 00 03
03
01 00 03 02
02
00
01
02 01
03
P42/CARR pin output
Timer 3 count source
(carrier wave output selected)
Timer 3 interrupt
Timer 3 count value
Count period
Generating carrier waveform
or not is controlled by setting
carrier waveform output trigger bit.
Carrier waveform output trigger bit
Writing to timer 3
in this duration
Count value of next period
is changed
Successive carrier waveform
is not generated in this duration.
2.250
µs X 9 waveforms + 2.125 µs X 7 waveforms
2.125
µs waveform duration (7 waveforms)
35.125
µs (16 waveforms), Average waveform = 2.195 µs (Frequency = 455.516 kHz)
Waveform period in 455 kHz carrier waveform generating mode
Waveform length: 2.250
µs-waveform
Waveform length: 2.125
µs-waveform
2.250
µs
5-clock
4-clock
2.125
µs
4.5-clock
4-clock
Carrier waveform
Timer 2 count source
Carrier waveform
Timer 2 count source
Carrier waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com