Electronic Components Datasheet Search
  English  ▼

X  

7545 Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # 7545
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7545 Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button 7545 Datasheet HTML 22Page - Renesas Technology Corp 7545 Datasheet HTML 23Page - Renesas Technology Corp 7545 Datasheet HTML 24Page - Renesas Technology Corp 7545 Datasheet HTML 25Page - Renesas Technology Corp 7545 Datasheet HTML 26Page - Renesas Technology Corp 7545 Datasheet HTML 27Page - Renesas Technology Corp 7545 Datasheet HTML 28Page - Renesas Technology Corp 7545 Datasheet HTML 29Page - Renesas Technology Corp 7545 Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 62 page
background image
Rev.1.06
Mar 07, 2008
Page 26 of 59
REJ03B0140-0106
7545 Group
Timers
The 7545 Group has 3 timers: timer 1, timer 2 and timer 3.
The division ratio of every timer and prescaler is 1/(n+1)
provided that the value of the timer latch or prescaler is n.
All the timers are down count timers. When a timer reaches “0”,
a n underfl o w occurs at the n e xt co un t pu lse, and the
corresponding timer latch is reloaded into the timer. When a
timer underflows, the interrupt request bit corresponding to each
timer is set to “1”.
1. Timer 1
Timer 1 is an 8-bit timer and counts the prescaler 1 output.
When Timer 1 underflows, the timer 1 interrupt request bit is set
to “1”.
Prescaler 1 is an 8-bit prescaler and counts the clock which is
f(XIN) divided by 16.
Prescaler 1 and Timer 1 have the prescaler 1 latch and the timer 1
latch to retain the reload value, respectively. The value of
prescaler 1 latch is set to Prescaler 1 when Prescaler 1
underflows. The value of timer 1 latch is set to Timer 1 when
Timer 1 underflows.
When writing to Prescaler 1 (PRE1) is executed, the value is
written to both the prescaler 1 latch and Prescaler 1.
When writing to Timer 1 (T1) is executed, the value is written to
both the timer 1 latch and Timer 1.
When reading from Prescaler 1 (PRE1) and Timer 1 (T1) is
executed, each count value is read out.
Timer 1 always operates in the timer mode.
Prescaler 1 counts the clock which is f(XIN) divided by 16. Each
time the count clock is input, the contents of Prescaler 1 is
decremented by 1. When the contents of Prescaler 1 reach
“0016”, an underflow occurs at the next count clock, and the
prescaler 1 latch is reloaded into Prescaler 1 and count continues.
The division ratio of Prescaler 1 is 1/(n+1) provided that the
value of Prescaler 1 is n.
Timer 1 counts the underflow signal of Prescaler 1. The contents
of Timer 1 is decremented by 1 each time the count clock is
input.
When the contents of Timer 1 reach “0016”, an underflow occurs
at the next count clock, and the timer 1 latch is reloaded into
Timer 1 and count continues. The division ratio of Timer 1 is
1/(m+1) provided that the value of Timer 1 is m.
Timer 1 is stopped by setting “1” to the timer 1 count stop bit.
2. Timer 2
Timer 2 is an 8-bit timer and counts the clock selected by the
timer 2 count source selection bit. When Timer 2 underflows, the
timer 2 interrupt request bit is set to “1”.
Timer 2 has two timer latches (primary latch and secondary
latch) to retain the reload value.
The value written to timer 2 primary (T2P) while timer 2 is
stopped is transferred to the timer 2 primary latch and the
counter.
The value written to timer 2 secondary (T2S) while timer 2 is
stopped is transferred only to timer 2 secondary latch.
After the count of timer 2 starts, the values written to timer 2
primary (T2P) and timer 2 secondary (T2S) are transferred only
to each latch. The values are not transferred to the counter at
write.
When each timer underflows, the values of timer 2 primary latch
and the timer 2 secondary latch are alternately transferred to the
counter. (Since a count value of a timer is retained, the written
value becomes the count value of the timer after the next
underflow.)
When timer 2 primary (T2P) is read, the count value of the timer
is read. When timer 2 secondary (T2S) is read, a set value of
timer 2 secondary is read. (Read the timer 2 primary to read the
count value even during the count period of timer 2 secondary.)
When the timer 2 primary is read, the count value of timer 2 is
read since the count value of the timer 2 is retained until writing
to timer 2 primary (T2P) is performed after timer 2 is stopped.
Timer 2 always operates in the timer mode.
Timer 2 counts the clock selected by the timer 2 count source
selection bit. The contents of Timer 2 is decremented by 1 each
time the count clock is input. When the contents of Timer 2 reach
“0016”, an underflow occurs at the next count clock, and the
timer 2 primary latch or timer 2 secondary latch is alternately
reloaded into Timer 2 and count continues.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com