Electronic Components Datasheet Search
  English  ▼

X  

7545 Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # 7545
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7545 Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button 7545 Datasheet HTML 33Page - Renesas Technology Corp 7545 Datasheet HTML 34Page - Renesas Technology Corp 7545 Datasheet HTML 35Page - Renesas Technology Corp 7545 Datasheet HTML 36Page - Renesas Technology Corp 7545 Datasheet HTML 37Page - Renesas Technology Corp 7545 Datasheet HTML 38Page - Renesas Technology Corp 7545 Datasheet HTML 39Page - Renesas Technology Corp 7545 Datasheet HTML 40Page - Renesas Technology Corp 7545 Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 62 page
background image
Rev.1.06
Mar 07, 2008
Page 37 of 59
REJ03B0140-0106
7545 Group
MISRG
The 7545 Group has two power source supply pins. One is the
VCC pin, and the other is the VDDR pin only for RAM2. A
potential difference between VCC and VDDR may cause some
failures in reading from RAM2 o r wr iting to RAM2.
Accordingly, if there is a potential difference between VCC and
VDDR at power-on, confirm the bit 1 (RAM2 status flag) of
MISRG (address 003816) before reading from RAM2 or writing
to RAM2.
Fig. 39 Structure of MISRG
Fig. 40 Internal status of microcomputer at reset
b7
b0
RAM2 status flag
0: RW disabled
1: RW enabled
Oscillation stabilization time set bit after
release of the STP instruction
0: Set “0316” in timer1, and “FF16”
in prescaler 1 automatically
1: Not set automatically
Reserved bits
(Do not write “1” to these bits)
MISRG(address 003816, initial value: 0X16)
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
(9)
(10)
(11)
(12)
(13)
(14)
(15)
(16)(
17)
(18)
(19)
(20)
(21)
(22)
(23)
(24)
(25)
000116
000316
000516
000716
000916
001616
001716
001816
001916
002716
002816
002916
002A16
002B16
002C16
002D16
002E16
003816
003916
003A16
003B16
003C16
003E16
(PS)
(PCH)
(PCL)
0016
00
0016
0016
0016
0016
0016
FF16
0316
0016
0616
FF16
FF16
00
000
0
0
00
111
11
1
10
000
00
0
0016
0016
X1
0016
0016
00
0
FF16
00
000
00
0
Register contents
Address
Port P0 direction register (P0D)
Port P1 direction register (P1D)
Port P2 direction register (P2D)
Port P3 direction register (P3D)
Port P4 direction register (P4D)
Pull-up control register (PULL)
Port output mode switch register (PMOD)
Key-on wakeup pin selection register (KEYSEL)
Key-on wakeup edge selection register (KEYEDGE)
Carrier wave control register (CARCNT)
Prescaler 1 (PRE1)
Timer 1 (T1)
Timer count source set register (TCSS)
Timer 1, 2, 3 control register (TC123)
Timer 2 primary (T2P)
Timer 2 secondary (T2S)
Timer 3 (T3)
MISRG
Watchdog timer control register (WDTCON)
Interrupt edge selection register (INTEDGE)
CPU mode register (CPUM)
Interrupt request register 1 (IREQ1)
Interrupt control register 1 (ICON1)
Processor status register
Program counter
Contents of address FFFD16
Contents of address FFFC16
XX
XX
X
X
X
XX
XX
XX
X
XX
XX
X : Undefined
The content of other registers and RAM are undefined when the microcomputer is reset.
The initial values must be surely set before you use it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com