Electronic Components Datasheet Search
  English  ▼

X  

7545 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # 7545
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7545 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button 7545 Datasheet HTML 19Page - Renesas Technology Corp 7545 Datasheet HTML 20Page - Renesas Technology Corp 7545 Datasheet HTML 21Page - Renesas Technology Corp 7545 Datasheet HTML 22Page - Renesas Technology Corp 7545 Datasheet HTML 23Page - Renesas Technology Corp 7545 Datasheet HTML 24Page - Renesas Technology Corp 7545 Datasheet HTML 25Page - Renesas Technology Corp 7545 Datasheet HTML 26Page - Renesas Technology Corp 7545 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 62 page
background image
Rev.1.06
Mar 07, 2008
Page 23 of 59
REJ03B0140-0106
7545 Group
• Interrupt Request Generation, Acceptance, and Handling
Interrupts have the following three phases.
(i)
Interrupt Request Generation
An interrupt request is generated by an interrupt source
(external interrupt signal input, timer underflow, etc.) and
the corresponding request bit is set to “1”.
(ii) Interrupt Request Acceptance
Based on the interrupt acceptance timing in each instruction
cycle, the interrupt control circuit determines acceptance
conditions (interrupt request bit, interrupt enable bit, and
interrupt disable flag) and interrupt priority levels for
accepting interrupt requests. When two or more interrupt
requests are generated simultaneously, the highest priority
interrupt is accepted. The value of interrupt request bit for
an unaccepted interrupt remains the same and acceptance is
determined at the next interrupt acceptance timing point.
(iii) Handling of Accepted Interrupt Request
The accepted interrupt request is processed.
Figure 18 shows the time up to execution in the interrupt
processing routine, and Figure 19 shows the interrupt sequence.
Figure 20 shows the timing of interrupt request generation,
interrupt request bit, and interrupt request acceptance.
• Interrupt Handling Execution
When interrupt handling is executed, the following operations
are performed automatically.
(1) Once the currently executing instruction is completed, an
interrupt request is accepted.
(2) The contents of the program counters and the processor
status register at this point are pushed onto the stack area in
order from 1 to 3.
1. High-order bits of program counter (PCH)
2. Low-order bits of program counter (PCL)
3. Processor status register (PS)
(3) Concurrently with the push operation, the jump address of
the corresponding interrupt (the start address of the interrupt
processing routine) is transferred from the interrupt vector to
the program counter.
(4) The interrupt request bit for the corresponding interrupt is
set to “0”. Also, the interrupt disable flag is set to “1” and
multiple interrupts are disabled.
(5) The interrupt routine is executed.
(6) When the RTI instruction is executed, the contents of the
registers pushed onto the stack area are popped off in the
order from 3 to 1. Then, the routine that was before running
interrupt processing resumes.
As described above, it is necessary to set the stack pointer and
the jump address in the vector area corresponding to each
interrupt to execute the interrupt processing routine.
<Notes>
The interrupt request bit may be set to “1” in the following cases.
• When setting the external interrupt active edge
Related registers: Interrupt edge selection register
(address 003A16)
Key-on wakeup edge selection register
(address 001916)
If it is not necessary to generate an interrupt synchronized with
these settings, take the following sequence.
(1) Set the corresponding enable bit to “0” (disabled).
(2) Set the interrupt edge selection bit (the active edge switch
bit) or the interrupt source bit.
(3) Set the corresponding interrupt request bit to “0” after one
or more instructions have been executed.
(4) Set the corresponding interrupt enable bit to “1” (enabled).
Fig. 18 Time up to execution in interrupt routine
Fig. 19 Interrupt sequence
7 cycles
Interrupt request
generated
Interrupt request
acceptance
Interrupt routine
starts
Interrupt sequence
*
0 to 16 cycles
7 to 23 cycles
* When executing DIV instruction
Main routine
Stack push and
Vector fetch
Interrupt handling
routine
φ
SYNC
RD
WR
Push onto stack
Vector fetch
Address bus
Data bus
Execute interrupt
routine
PC
S,SPS
S-1,SPS S-2,SPS
BL
BH
AL,AH
Not used
PCH
PCL
PS
AL
AH
SYNC : CPU operation code fetch cycle
(This is an internal signal that cannot be observed from the external unit.)
BL, BH: Vector address of each interrupt
AL, AH: Jump destination address of each interrupt
SPS
: “0016” or “0116”
([SPS] is a page selected by the stack page selection bit of CPU mode register.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com