Electronic Components Datasheet Search
  English  ▼

X  

7545 Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # 7545
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7545 Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button 7545 Datasheet HTML 37Page - Renesas Technology Corp 7545 Datasheet HTML 38Page - Renesas Technology Corp 7545 Datasheet HTML 39Page - Renesas Technology Corp 7545 Datasheet HTML 40Page - Renesas Technology Corp 7545 Datasheet HTML 41Page - Renesas Technology Corp 7545 Datasheet HTML 42Page - Renesas Technology Corp 7545 Datasheet HTML 43Page - Renesas Technology Corp 7545 Datasheet HTML 44Page - Renesas Technology Corp 7545 Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 62 page
background image
Rev.1.06
Mar 07, 2008
Page 41 of 59
REJ03B0140-0106
7545 Group
Fig. 44 Pin connection diagram (M37545Gx-XXXGP)
Fig. 45 Pin connection diagram (M37545GxKP)
Package type: PLQP0032GB-A (32P6U-A)
32
31
30
29
28
27
26
25
9
10
11
12
13
14
15
16
8
7
6
5
3
4
M37545Gx-XXXGP
M37545GxGP
12
P23(LED3)
P24(LED4)
P22(LED2)
P21(LED1)/INT1
P20(LED0)/INT0
P07/KEY7
P06/KEY6
P05/KEY5
XOUT
XIN
VSS
P30
P31
P32
P33
P34
24 23 22 21 20 19 18 17
ESCLK
ESPGMB
ESDA
: Connect to oscillation circuit
: QzROM pin
*
VCC
VPP
RESET
VSS
Package type: PLSP0032JB-A
P21(LED1)/INT1
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
P22(LED2)
P23(LED3)
P24(LED4)
P25(LED5)
P26(LED6)
P27(LED7)
P42/CARR
RESET
VCC
XIN
XOUT
VSS
P30
P20(LED0)/INT0
P07/KEY7
P06/KEY6
P05/KEY5
P04/KEY4
P03/KEY3
P02/KEY2
P01/KEY1
P37
P00/KEY0
P35
P34
P33
P32
P31
P36
CNVSS
VDDR
ESDA
ESCLK
ESPGMB
VCC
VPP
VSS
*
: Connect to oscillation circuit
: QzROM pin
*
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com