Electronic Components Datasheet Search
  English  ▼

X  

7545 Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # 7545
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7545 Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button 7545 Datasheet HTML 40Page - Renesas Technology Corp 7545 Datasheet HTML 41Page - Renesas Technology Corp 7545 Datasheet HTML 42Page - Renesas Technology Corp 7545 Datasheet HTML 43Page - Renesas Technology Corp 7545 Datasheet HTML 44Page - Renesas Technology Corp 7545 Datasheet HTML 45Page - Renesas Technology Corp 7545 Datasheet HTML 46Page - Renesas Technology Corp 7545 Datasheet HTML 47Page - Renesas Technology Corp 7545 Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 62 page
background image
Rev.1.06
Mar 07, 2008
Page 44 of 59
REJ03B0140-0106
7545 Group
NOTES ON PROGRAMMING
Processor Status Register
The contents of the processor status register (PS) after reset are
undefined except for the interrupt disable flag I which is “1”.
After reset, initialize flags which affect program execution. In
particular, it is essential to initialize the T flag and the D flag
because of their effect on calculations.
Interrupts
The contents of the interrupt request bit do not change even if the
BBC or BBS instruction is executed immediately after they are
changed by program because this instruction is executed for the
previous contents. For executing the instruction for the changed
contents, execute one instruction before executing the BBC or
BBS instruction.
Decimal Calculations
• For calculations in decimal notation, set the decimal mode flag
D to “1”, then execute the ADC instruction or SBC instruction.
In this case, execute SEC instruction, CLC instruction or CLD
instruction after executing one instruction before the ADC
instruction or SBC instruction.
• In the decimal mode, the values of the N (negative), V
(overflow) and Z (zero) flags are invalid.
Ports
The values of the port direction registers cannot be read.
That is, it is impossible to use the LDA instruction, memory
operation instruction when the T flag is “1”, addressing mode
using direction register values as qualifiers, and bit test
instructions such as BBC and BBS.
It is also impossible to use bit operation instructions such as CLB
and SEB and read/modify/write instructions of direction registers
for calculations such as ROR.
For setting direction registers, use the LDM instruction, STA
instruction, etc.
Instruction Execution Timing
The instruction execution time can be obtained by multiplying
the frequency of the internal clock
φ by the number of cycles
mentioned in the machine-language instruction table.
The frequency of the internal clock
φ is 4 times the XIN cycle.
CPU Mode Register
The processor mode bits can be rewritten only once after
releasing reset. However, after rewriting it is disable to write any
value to the bit. (Emulator MCU is excluded.)
NOTES ON HARDWARE
Handling of Power Source Pin
In order to avoid a latch-up occurrence, connect a capacitor
suitable for high frequencies as bypass capacitor between power
source pin (VCC pin) and GND pin (VSS pin). Besides, connect
the capacitor to as close as possible. For bypass capacitor which
should not be located too far from the pins to be connected, a
ceramic capacitor of 0.01
µF to 0.1 µF is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com