Electronic Components Datasheet Search
  English  ▼

X  

7545 Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # 7545
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7545 Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button 7545 Datasheet HTML 29Page - Renesas Technology Corp 7545 Datasheet HTML 30Page - Renesas Technology Corp 7545 Datasheet HTML 31Page - Renesas Technology Corp 7545 Datasheet HTML 32Page - Renesas Technology Corp 7545 Datasheet HTML 33Page - Renesas Technology Corp 7545 Datasheet HTML 34Page - Renesas Technology Corp 7545 Datasheet HTML 35Page - Renesas Technology Corp 7545 Datasheet HTML 36Page - Renesas Technology Corp 7545 Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 62 page
background image
Rev.1.06
Mar 07, 2008
Page 33 of 59
REJ03B0140-0106
7545 Group
Fig. 32 Setting of carrier wave control by software
0 X X 0 0X 1 X
b7
b0
0 0 0 0 0 X1 X
b7
b0
1
0 0 0 0 X X XX
b7
b0
2
X X X X X X XX
b7
b0
X X X X X X XX
b7
b0
4
0 X X 0 0 0 1X
b7
b0
3
0 0 0 0 0 X0 X
b7
b0
5
6
9
0 X X 0 00 1 X
b7
b0
7
0 0 0 0 0 X1 X
b7
b0
8
0 X X 00 00 X
b7
b0
10
P42/CARR pin output
Carrier waveform
(Timer 2 output)
Software carrier wave output bit
Waveform output timing of remote-control waveform by software carrier waveform output bit
Set “1” to bit 1 to stop counting of timer 2.
Timer 1, 2, 3 control register TC123 (2B16)
Set “0” to bit 1 to start counting of timer 2.
Carrier wave control register, CARCNT (2716)
Timer 1, 2, 3 control register TC123 (2B16)
Set “1” to bit 1 to stop counting of timer 2.
Carrier wave control register, CARCNT (2716)
Carrier wave control register, CARCNT (2716)
Timer count source set register TCSS (2A16)
Set timer 2 count source to bit 0 and bit 1. Also, in order to initialize
carrier waveform circuit, be sure to select f(XIN)/16, f(XIN)/2 or f(XIN)/8
for timer 3 count source.
Do not select carrier waveform output (b3b2=112) for timer 3 count source.
Carrier wave control register, CARCNT (2716)
Timer 2 secondary T2S (2D16)
Timer 2 primary T2P (2C16)
Set carrier wave “H”, “L” duration to timer 2 primary and timer 2 secondary, respectively.
(when 455 kHz carrier waveform generating mode is used,
this setting is not necessary.)
Waveform output of remote-control
Start (initial state after reset)
Timer 1, 2, 3 control register TC123 (2B16)
Generating waveform or not can be controlled by
bit 2: Software carrier waveform output bit
In order to stop carrier waveform,
set bit 2: Software carrier waveform output bit to “0: Output invalid”.
X: Set it to “0” or “1” arbitrary.
When the carrier wave output circuit operation is started again,
execute the setting from the processing No.4 .
In order to change the carrier wave control from the auto-control by timer 3
to software carrier wave output, initialize the carrier wave circuit
by setting “0” to “bit 1: carrier wave output valid bit”.
Set carrier wave control register.
bit 0: Set whether to expand waveform.
bit 1: Select “1: Carrier waveform generating function is valid”
bit 2: Select “0: Software output is invalid”
bit 3: Select “0: auto-control by timer 3 is invalid.
bit 4: Select “0: carrier waveform output trigger is invalid”
bit 5: Select whether 455 kHz carrier waveform generating mode is valid or invalid.
bit 6: Set output level of waveform.
bit 7: Set this bit to “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com