Electronic Components Datasheet Search
  English  ▼

X  

7545 Datasheet(PDF) 60 Page - Renesas Technology Corp

Part # 7545
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7545 Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button 7545 Datasheet HTML 54Page - Renesas Technology Corp 7545 Datasheet HTML 55Page - Renesas Technology Corp 7545 Datasheet HTML 56Page - Renesas Technology Corp 7545 Datasheet HTML 57Page - Renesas Technology Corp 7545 Datasheet HTML 58Page - Renesas Technology Corp 7545 Datasheet HTML 59Page - Renesas Technology Corp 7545 Datasheet HTML 60Page - Renesas Technology Corp 7545 Datasheet HTML 61Page - Renesas Technology Corp 7545 Datasheet HTML 62Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 60 / 62 page
background image
(1/2)
REVISION HISTORY
7545 Group Datasheet
Rev.
Date
Description
Page
Summary
1.00
Feb. 07, 2005
−
First edition issued
1.01
May. 10, 2005
20
Fig.22 : Carrier wave auto-control bit; “1” and “0” added.
26
Standard operation of watchdog timer and Operation of STP instruction disable bit:
address FFFA16
→ address FFDA16
Note on Watchdog Timer 2: ... set to “1” just before ...
→ ... set to “0” just before ...
28
Voltage Drop Detection Circuit: address FFFA16
→ address FFDA16
33
State transition deleted
36
Fig. 51 partly revised
40
Table 9: RPL; V
→ kΩ
42
Fig. 55: CNTR0
→ INT0
47
Notes on Watchdog timer: ... set to “1” just before ...
→ ... set to “0” just before ...
Notes on Clock Generating Circuit 1: bits 2 to 4 to 7
→ bits 2, 6, 7
1.02
Jul. 20, 2005
All pages ROM option
→ Function set ROM
3
Table 1: added.
11
ROM Code Protect Address (address FFDB16) added.
16
Termination of unused pins added.
35
[ROM option data] ROMOP
→ [Function set ROM] FSROM
Fig. 42, 43: partly revised.
37
(4) Wiring to CNVSS pin
→ (4) Wiring to VPP pin
51
DATA REQUIRED FOR QzROM WRITING ORDERS, Notes On QzROM Writing
Orders,
Notes On ROM Code Protect added.
1.03
Oct. 21, 2005
−
STP instruction disable bit
→ STP instruction function selection bit
29
“Operation of STP instruction function selection bit” revised.
30
Fig.33 Block diagram of watchdog timer and reset circuit
“Count start (Watchdog timer disable bit (bit 0 of FSROM))” added.
35
Function set ROM : Description revised.
Fig.42: Reserved
→ Renesas shipment test area
“When the checksum is included in the user program, avoid assigning it to
these areas.” added to Note.
Fig.43: Bit 0, bit 1 and bit 4 of FSROM revised.
1.04
May. 17, 2006
−
“PRELIMINARY” eliminated.
1.05
May. 18, 2006
6
Fig.4 “Under development” eliminated.
1.06
Feb. 29, 2008
1
Revised by additional new products (memory size)
2
Fig. 2 is added
3
Revised by additional new products (memory size and package)
6
Fig. 5 is added
8
Revised by additional new products (memory size, package, Fig. 6, and Table 4)
12
Fig. 9 is revised
13
Function set ROM Area and Notes (2) - (5) added
Clock circuit is deleted from [Function set ROM data] FSROM
Notes on use deleted
14
Fig. 10 is revised
16
Fig.12 added
20 to 24
Interrupts is revised whole
REVISION HISTORY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com