Electronic Components Datasheet Search
  English  ▼

X  

7545 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # 7545
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7545 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button 7545 Datasheet HTML 5Page - Renesas Technology Corp 7545 Datasheet HTML 6Page - Renesas Technology Corp 7545 Datasheet HTML 7Page - Renesas Technology Corp 7545 Datasheet HTML 8Page - Renesas Technology Corp 7545 Datasheet HTML 9Page - Renesas Technology Corp 7545 Datasheet HTML 10Page - Renesas Technology Corp 7545 Datasheet HTML 11Page - Renesas Technology Corp 7545 Datasheet HTML 12Page - Renesas Technology Corp 7545 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 62 page
background image
Rev.1.06
Mar 07, 2008
Page 9 of 59
REJ03B0140-0106
7545 Group
FUNCTIONAL DESCRIPTION
Central Processing Unit (CPU)
The MCU uses the standard 740 family instruction set. Refer to
the table of 740 family addressing modes and machine-language
instructions or the SERIES 740 <SOFTWARE> USER’S
MANUAL for details on each instruction set.
Machine-resident 740 family instructions are as follows:
1. The FST and SLW instructions cannot be used.
2. The MUL and DIV instructions can be used.
3. The WIT instruction can be used.
4. The STP instruction can be used.
This instruction cannot be used while CPU operates by an on-
chip oscillator.
[Accumulator (A)]
The accumulator is an 8-bit register. Data operations such as data
transfer, etc., are executed mainly through the accumulator.
[Index register X (X), Index register Y (Y)]
Both index register X and index register Y are 8-bit registers. In
the index addressing modes, the value of the OPERAND is
added to the contents of register X or register Y and specifies the
real address.
When the T flag in the processor status register is set to “1”, the
value contained in index register X becomes the address for the
second OPERAND.
[Stack pointer (S)]
The stack pointer is an 8-bit register used during subroutine calls
and interrupts. The stack is used to store the current address data
and processor status when branching to subroutines or interrupt
routines.
The lower eight bits of the stack address are determined by the
contents of the stack pointer. The upper eight bits of the stack
address are determined by the Stack Page Selection Bit. If the
Stack Page Selection Bit is “0”, then the RAM in the zero page is
used as the stack area. If the Stack Page Selection Bit is “1”, then
RAM in page 1 is used as the stack area.
The Stack Page Selection Bit is located in the SFR area in the
zero page. Note that the initial value of the Stack Page Selection
Bit varies with each microcomput er type. Al so some
microcomputer types have no Stack Page Selection Bit and the
upper eight bits of the stack address are fixed. The operations of
pushing register contents onto the stack and popping them from
the stack are shown in Figure 8.
[Program counter (PC)]
The program counter is a 16-bit counter consisting of two 8-bit
registers PCH and PCL. It is used to indicate the address of the
next instruction to be executed.
Fig. 7 740 Family CPU register structure
b7
b0
X
b7
b0
S
b7
b0
Y
b7
b0
PCL
Processor Status Register (PS)
Carry Flag
b7
b0
b7
b0
A
b15
PCH
Zero Flag
Interrupt Disable Flag
Decimal Mode Flag
Break Flag
Index X Mode Flag
Overflow Flag
Negative Flag
Program Counter
Stack Pointer
Index Register Y
Index Register X
Accumulator
C
Z
I
D
B
T
V
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com