Electronic Components Datasheet Search
  English  ▼

X  

7545 Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # 7545
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7545 Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button 7545 Datasheet HTML 48Page - Renesas Technology Corp 7545 Datasheet HTML 49Page - Renesas Technology Corp 7545 Datasheet HTML 50Page - Renesas Technology Corp 7545 Datasheet HTML 51Page - Renesas Technology Corp 7545 Datasheet HTML 52Page - Renesas Technology Corp 7545 Datasheet HTML 53Page - Renesas Technology Corp 7545 Datasheet HTML 54Page - Renesas Technology Corp 7545 Datasheet HTML 55Page - Renesas Technology Corp 7545 Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 62 page
background image
Rev.1.06
Mar 07, 2008
Page 52 of 59
REJ03B0140-0106
7545 Group
Electrical Characteristics (continued)
Timing Requirements
Switching Characteristics
NOTE:
1. Pin XOUT is excluded
Table 14
Electrical characteristics (2) (VCC = 1.8 to 3.6 V, Ta =
−20 to 85 °C, unless otherwise noted)
Symbol
Parameter
Test conditions
Limits
Unit
Min.
Typ.
Max.
ICC
Power source
current
VCC = 3.0 V, f(XIN) = 4 MHz
Output transistors
“off”
0.6
1.2
mA
VCC = 3.0 V, f(XIN) = 4 MHz (in WIT state),
functions except timer 1 disabled,
Output transistors
“off”
0.3
0.6
mA
All oscillation stopped (in STP state)
Output transistors
“off”
VCC
≥ VDDR ≥ VCC − 0.6 V
Ta = 25
°C0.1
1.0
µA
Ta = 85
°C
10.0
µA
IDDR
During reset by voltage drop detection circuit
VDDR = 1.1 V, 1.8 V
≥ VCC ≥ 0 V
Ta = 25
°C0.1
1.0
µA
Ta = 85
°C
10.0
µA
Table 15
Timing Requirements (VCC = 1.8 to 3.6 V, VSS = 0 V, Ta =
−20 to 85 °C, unless otherwise noted)
Symbol
Parameter
Limits
Unit
Min.
Typ.
Max.
tw(RESET)
Reset input
“L” pulse width
2
µs
tC(XIN)
External clock input cycle time
250
ns
tWH(XIN)
External clock input
“H” pulse width
100
ns
tWL(XIN)
External clock input
“L” pulse width
100
ns
tWH(INT0)
INT0, INT1, input
“H” pulse width
460
ns
tWL(INT0)
INT0, INT1, input
“L” pulse width
460
ns
Table 16
Switching Characteristics (VCC = 1.8 to 3.6 V, VSS = 0 V, Ta =
−20 to 85 °C, unless otherwise noted)
Symbol
Parameter
Limits
Unit
Min.
Typ.
Max.
tr(CMOS)
CMOS output rising time (1)
25
100
ns
tf(CMOS)
CMOS output falling time (1)
25
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com