Electronic Components Datasheet Search
  English  ▼

X  

7545 Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # 7545
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7545 Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button 7545 Datasheet HTML 36Page - Renesas Technology Corp 7545 Datasheet HTML 37Page - Renesas Technology Corp 7545 Datasheet HTML 38Page - Renesas Technology Corp 7545 Datasheet HTML 39Page - Renesas Technology Corp 7545 Datasheet HTML 40Page - Renesas Technology Corp 7545 Datasheet HTML 41Page - Renesas Technology Corp 7545 Datasheet HTML 42Page - Renesas Technology Corp 7545 Datasheet HTML 43Page - Renesas Technology Corp 7545 Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 62 page
background image
Rev.1.06
Mar 07, 2008
Page 40 of 59
REJ03B0140-0106
7545 Group
QzROM Writing Mode
In the QzROM writing mode, the user ROM area can be
rewritten while the microcomputer is mounted on-board by using
a serial programmer which is applicable for this microcomputer.
Table 10 lists the pin description (QzROM writing mode) and
Figure 44 and Figure 45 show the pin connections.
Refer to Figure 46 and Figure 47 for examples of a connection
with a serial programmer.
Contact the manufacturer of your serial programmer for serial
programmer. Refer to the user ’s manual of your serial
programmer for details on how to use it.
Table 10
Pin description (QzROM writing mode)
Pin
Name
I/O
Function
VCC, VSS, VDDR
Power source
Input
• Apply 1.8 to 3.6 V to VCC, and 0 V to VSS and VDDR.
RESET
Reset input
Input
• Reset input pin for active
“L”. Reset occurs when RESET pin is hold at
an
“L”level for 16 cycles or more of XIN.
XIN
Clock input
Input
• Set the same termination as the single-chip mode.
XOUT
Clock output
Output
P00
−P05
P21
−P27
P30
−P37
P42
I/O port
I/O
• Input
“H” or “L” level signal or leave the pin open.
CNVSS
VPP input
Input
• QzROM programmable power source pin.
P07
ESDA input/output
I/O
• Serial data I/O pin.
P20
ESCLK input
Input
• Serial clock input pin.
P06
ESPGMB input
Input
• Read/program pulse input pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com