Electronic Components Datasheet Search
  English  ▼

X  

7545 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 7545
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7545 Datasheet(HTML) 1 Page - Renesas Technology Corp

  7545 Datasheet HTML 1Page - Renesas Technology Corp 7545 Datasheet HTML 2Page - Renesas Technology Corp 7545 Datasheet HTML 3Page - Renesas Technology Corp 7545 Datasheet HTML 4Page - Renesas Technology Corp 7545 Datasheet HTML 5Page - Renesas Technology Corp 7545 Datasheet HTML 6Page - Renesas Technology Corp 7545 Datasheet HTML 7Page - Renesas Technology Corp 7545 Datasheet HTML 8Page - Renesas Technology Corp 7545 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 62 page
background image
Rev.1.06
Mar 07, 2008
Page 1 of 59
REJ03B0140-0106
DESCRIPTION
The 7545 Group is the 8-bit microcomputer based on the 740
family core technology.
The 7545 Group has an 8-bit timer, power-on reset circuit and the
voltage drop detection circuit. Also, Function set ROM is
equipped.
FEATURES
• Basic machine-language instructions .................................. 71
• The minimum instruction execution time .................... 2.00
µs
(at 4 MHz oscillation frequency for the shortest instruction)
• Memory size ROM ........................................ 4K to 60K bytes
RAM ............................................ 256, 512 bytes
• Programmable I/O ports ...................................................... 25
• Key-on wakeup input .................................................. 8 inputs
• LED output port ...................................................................... 8
• Interrupts.................................................... 7 sources, 7 vectors
• Timers .......................................................................... 8-bit × 3
• Carrier wave generating circuit .......1 channel (8-bit timer × 2)
• Clock generating circuit ........................................ Built-in type
(connect to external ceramic resonator or quartz-crystal
oscillator)
• Watchdog timer .........................................................16-bit
× 1
• Power-on reset circuit............................................ Built-in type
• Voltage drop detection circuit................................ Built-in type
• Power source voltage
XIN oscillation frequency at ceramic/quartz-crystal oscillation
At 4 MHz .......................................... 1.8 to 3.6 V
• Power dissipation .......................................................... 1.8mW
• Operating temperature range
.................................−20 to 85 °C
APPLICATION
Remote control transmit.
Fig. 1 Pin configuration (PLQP0032GB-A type)
Package type: PLQP0032GB-A (32P6U-A)
32
31
30
29
28
27
26
25
9
10
11
12
13
14
15
16
8
7
6
5
3
4
M37545Gx-XXXGP
M37545GxGP
12
P23
(LED3)
P24
(LED4)
P22
(LED2)
P21
(LED1)/INT1
P20
(LED0)/INT0
P07
/KEY7
P06
/KEY6
P05
/KEY5
XOUT
XIN
VSS
P30
P31
P32
P33
P34
24 23 22 21 20 19 18 17
PIN CONFIGURATION (TOP VIEW)
7545 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
REJ03B0140-0106
Rev.1.06
Mar 07, 2008


Similar Part No. - 7545

ManufacturerPart #DatasheetDescription
logo
Heyco.
7545 HEYCO-7545 Datasheet
169Kb / 1P
Specialty Female Connectors
logo
Molex Electronics Ltd.
75450-0001 MOLEX-75450-0001 Datasheet
141Kb / 2P
0.80mm (.031?? Pitch SFP Stacked Multi-Port Connectors
75450-5001 MOLEX-75450-5001 Datasheet
60Kb / 2P
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
logo
Turck, Inc.
7545041 TURCK-7545041 Datasheet
232Kb / 2P
Switching power supply
2020-01-31
7545042 TURCK-7545042 Datasheet
257Kb / 2P
Switching power supply
2020-01-31
More results

Similar Description - 7545

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37630M4T MITSUBISHI-M37630M4T Datasheet
571Kb / 48P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
38D5 RENESAS-38D5 Datasheet
2Mb / 141P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3826OTP RENESAS-3826OTP Datasheet
999Kb / 91P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38K0 RENESAS-38K0 Datasheet
1Mb / 133P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M3882 RENESAS-M3882 Datasheet
600Kb / 62P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C3 RENESAS-38C3 Datasheet
930Kb / 63P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C8 RENESAS-38C8 Datasheet
974Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3825 RENESAS-3825 Datasheet
1Mb / 71P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37515M4-XXXHP RENESAS-M37515M4-XXXHP Datasheet
800Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37161M8 RENESAS-M37161M8 Datasheet
1Mb / 129P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com