Electronic Components Datasheet Search
  English  ▼

X  

7545 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # 7545
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7545 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button 7545 Datasheet HTML 18Page - Renesas Technology Corp 7545 Datasheet HTML 19Page - Renesas Technology Corp 7545 Datasheet HTML 20Page - Renesas Technology Corp 7545 Datasheet HTML 21Page - Renesas Technology Corp 7545 Datasheet HTML 22Page - Renesas Technology Corp 7545 Datasheet HTML 23Page - Renesas Technology Corp 7545 Datasheet HTML 24Page - Renesas Technology Corp 7545 Datasheet HTML 25Page - Renesas Technology Corp 7545 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 62 page
background image
Rev.1.06
Mar 07, 2008
Page 22 of 59
REJ03B0140-0106
7545 Group
Fig. 17 Structure of interrupt-related registers
b7
Interrupt request register 1
(IREQ1 : address 003C16, initial value : 0016)
Timer 2 interrupt request bit
Key-on wakeup interrupt request bit
Timer 1 interrupt request bit
Timer 3 interrupt request bit
INT1 interrupt request bit
INT0 interrupt request bit
Disable (returns “0” when read)
(Do not write “1” to these bits)
b0
b7
b0
Interrupt edge selection register
INT0 interrupt edge selection bit
(INTEDGE : address 003A16, initial value : 0016)
Disable (returns “0” when read)
1 : Rising edge active
0 : Falling edge active
INT1 interrupt edge selection bit
1 : Rising edge active
0 : Falling edge active
Port P04
Port P01
Port P00
0: Key-on wakeup invalid
1: Key-on wakeup valid
b7
b0
Port P02
Port P03
Port P05
Port P06
Port P07
Key-on wakeup pin selection register
(KEYSEL: address 001816, initial value: 0016)
b7
b0
Port P04
Port P01
Port P00
0: Falling edge
1: Rising edge
Port P02
Port P03
Port P05
Port P06
Port P07
Key-on wakeup edge selection register
(KEYEDGE: address 001916, initial value: 0016)
Timer 2 interrupt enable bit
b7
Interrupt control register 1
(ICON1 : address 003E16, initial value : 0016)
Key-on wakeup interrupt enable bit
Timer 1 interrupt enable bit
Timer 3 interrupt enable bit
INT1 interrupt enable bit
INT0 interrupt enable bit
Disable (returns “0” when read)
(Do not write “1” to these bits)
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com