Electronic Components Datasheet Search
  English  ▼

X  

7545 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 7545
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7545 Datasheet(HTML) 3 Page - Renesas Technology Corp

  7545 Datasheet HTML 1Page - Renesas Technology Corp 7545 Datasheet HTML 2Page - Renesas Technology Corp 7545 Datasheet HTML 3Page - Renesas Technology Corp 7545 Datasheet HTML 4Page - Renesas Technology Corp 7545 Datasheet HTML 5Page - Renesas Technology Corp 7545 Datasheet HTML 6Page - Renesas Technology Corp 7545 Datasheet HTML 7Page - Renesas Technology Corp 7545 Datasheet HTML 8Page - Renesas Technology Corp 7545 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 62 page
background image
Rev.1.06
Mar 07, 2008
Page 3 of 59
REJ03B0140-0106
7545 Group
Table 1
Performance overview (1)
Parameter
Function
Number of basic instructions
71
Instruction execution time
2.00
µs (Minimum instruction)
Memory sizes
ROM
M37545G1
4096 bytes
× 8 bits
M37545G2
8192 bytes
× 8 bits
M37545G4
16384 bytes
× 8 bits
M37545G6
24576 bytes
× 8 bits
M37545G8
32768 bytes
× 8 bits
M37545GC
49152 bytes
× 8 bits
M37545GF
61440 bytes
× 8 bits
RAM
M37545G1/G2
RAM1: 240 bytes
× 8 bits, RAM2: 16 bytes × 8 bits
M37545G4/G6/G8/GC/GF
RAM1: 384 bytes
× 8 bits, RAM2: 128 bytes × 8 bits
I/O port
P00
−P07
I/O
• 1-bit
× 8
• CMOS compatible input level
• CMOS 3-state output structure
• Whether the pull-up function/key-on wakeup function is to be used or not
can be determined by program.
P10, P11
I/O (RLSS-only pin)
• 1-bit
× 2
• CMOS compatible input level
• The output structure can be switched to N-channel open-drain or CMOS by software.
P20
−P27
I/O
• 1-bit
× 8
• CMOS compatible input level
• The output structure can be switched to N-channel open-drain or CMOS by software.
• P2 can output a large current for driving LED.
•P20 and P21 are also used as INT0 and INT1, respectively.
P30
−P37
I/O
• 1-bit
× 8
• CMOS compatible input level
• The output structure can be switched to N-channel open-drain or CMOS by software.
P40, P41
I/O (RLSS-only pin)
• 1-bit
× 2
• CMOS compatible input level
• CMOS 3-state output structure
P42
I/O
• 1-bit
× 1
• CMOS compatible input level
• CMOS 3-state output structure
• Carrier wave output pin for remote-control transmitter
Timer
Timer 1
8-bit timer with timer 1 latch
Count source is Prescaler output.
Timer 2
8-bit timer with timer 2 primary latch and timer 2 secondary latch
Count source can be selected from f(XIN)/16, f(XIN)/8, f(XIN)/2 or f(XIN)/1.
Timer 3
8-bit timer with timer 3 latch
Count source can be selected from f(XIN)/16, f(XIN)/8 or f(XIN)/2 or carrier wave output.
Carrier wave generating circuit
Remote-control waveform is generated by using timer 2 and timer 3.
455 kHz carrier wave generating mode is available.
Watchdog timer
16-bit
× 1
Power-on reset circuit
Built-in
Voltage drop detection circuit (Not available for RLSS)
Typ. 1.75 V (Ta=25
°C)
Interrupt
Source
7 sources (External
× 3, Timer × 3, Software)
Function set
ROM area
Function set ROM
Function set ROM is assigned to address FFDA16.
Enable/disable of watchdog timer and STP instruction can be selected.
Valid/invaid of voltage drop detection circuit can be selected.
ROM code protect
ROM code protect is assigned to address FFDB16.
Read/write the built-in QzROM by serial programmer is disabled by setting
“00” to ROM code protect.
Device structure
CMOS silicon gate
Package
32-pin plastic molded LQFP (PLQP0032GB-A)
32-pin plastic molded SSOP (PLSP0032JB-A)
Operating temperature range
−20 to 85 °C
Power source
voltage
f(XIN) = 4 MHz
1.8 to 3.6 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com