Electronic Components Datasheet Search
  English  ▼

X  

7545 Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # 7545
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7545 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button 7545 Datasheet HTML 32Page - Renesas Technology Corp 7545 Datasheet HTML 33Page - Renesas Technology Corp 7545 Datasheet HTML 34Page - Renesas Technology Corp 7545 Datasheet HTML 35Page - Renesas Technology Corp 7545 Datasheet HTML 36Page - Renesas Technology Corp 7545 Datasheet HTML 37Page - Renesas Technology Corp 7545 Datasheet HTML 38Page - Renesas Technology Corp 7545 Datasheet HTML 39Page - Renesas Technology Corp 7545 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 62 page
background image
Rev.1.06
Mar 07, 2008
Page 36 of 59
REJ03B0140-0106
7545 Group
Power-on Reset Circuit
Reset can be automatically performed at power on (power-on
reset) by the built-in power-on reset circuit.
In order to use the power-on reset circuit effectively, the time for
the supply voltage to rise from 0 V to 1.8 V must be set to 1 ms
or less.
Voltage Drop Detection Circuit
The built-in voltage drop detection circuit is designed to detect a
drop in voltage and to reset the microcomputer if the supply
voltage drops below a set value (Typ.1.75 V). When the STP
instruction is executed, the voltage drop detection circuit is
stopped, so that the power dissipation is reduced.
The operation of the voltage drop detection circuit is disabled by
setting “0” to bit 4 of the Function set ROM data (address
FFDA16) of the built-in QzROM.
Note: The emulator MCU “M37545RLSS” is not equipped with
the voltage drop detection circuit.
RESETOUT Output
RESETOUT function is used to output “L” level from RESET
pin when system reset occurs by the power-on reset, the voltage
drop detection circuit or the watchdog timer. Also, the built-in
pull-up transistor is connected to the RESET pin.
Fig. 36 Operation waveform diagram of power-on reset
circuit
Fig. 37 Operation waveform diagram of voltage drop detection circuit
<Note on Voltage Drop Detection Circuit>
The voltage drop detection circuit detection voltage of this
product is set up lower than the minimum value of the supply
voltage of the recommended operating conditions.
When the supply voltage of a microcomputer falls below to the
minimum value of recommended operating conditions and
regoes up (ex. battery exchange of an application product),
depending on the capacity value of the bypass capacitor added to
the power supply pin, the following case may cause program
failure ;
supply voltage does not fall below to VDET, and its voltage re-
goes up with no reset.
In such a case, please design a system which supply voltage is
once reduced below to VDET and re-goes up after that.
Fig. 38 VCC and VDET
VCC (Note)
1 ms or les s
Power-on
Reset released
Internal reset signal
Reset
state
Note: Keep the value of supply voltage to the minimum value
or more of the recommended operating conditions.
Po
circuit output
wer-on reset
Vcc
Internal reset signal
Reset voltage (Typ:1.75V)
Microcomputer starts operation
after f(XIN) clock is counted 16384 times.
Note: The voltage drop detection circuit does not have
the hysteresis characteristics in the detected voltage.
Vcc
VDET
Reset
Normal operation
No reset
Program failure may occur.
Recommended
operating condition
min. value
Vcc
VDET
Recommended
operating condition
min. value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com