Electronic Components Datasheet Search
  English  ▼

X  

7545 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # 7545
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7545 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button 7545 Datasheet HTML 16Page - Renesas Technology Corp 7545 Datasheet HTML 17Page - Renesas Technology Corp 7545 Datasheet HTML 18Page - Renesas Technology Corp 7545 Datasheet HTML 19Page - Renesas Technology Corp 7545 Datasheet HTML 20Page - Renesas Technology Corp 7545 Datasheet HTML 21Page - Renesas Technology Corp 7545 Datasheet HTML 22Page - Renesas Technology Corp 7545 Datasheet HTML 23Page - Renesas Technology Corp 7545 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 62 page
background image
Rev.1.06
Mar 07, 2008
Page 20 of 59
REJ03B0140-0106
7545 Group
Interrupts
The 7545 group interrupts are vector interrupts with a fixed
priority scheme, and generated by 7 sources 3 external, 3
internal, and 1 software.
The interrupt sources, vector addresses(1), and interrupt priority
are shown in Table 9.
Each interrupt except the BRK instruction interrupt has the
interrupt request bit and the interrupt enable bit. These bits and
the interrupt disable flag (I flag) control the acceptance of
interrupt requests. Figure 16 shows an interrupt control diagram.
An interrupt requests is accepted when all of the following
conditions are satisfied:
• Interrupt disable flag ................................ “0”
• Interrupt request bit .................................. “1”
• Interrupt enable bit ................................... “1”
Though the interrupt priority is determined by hardware, priority
processing can be performed by software using the above bits
and flag.
NOTES:
1. Vector addressed contain interrupt jump destination addresses.
2. Reset function in the same way as an interrupt with the highest priority.
Table 9
Interrupt vector address and priority
Interrupt source
Priority
Vector addresses(1)
Interrupt request generating conditions
Remarks
High-
order
Low-
order
Reset (2)
1FFFD16
FFFC16
At reset input
Non-maskable
Key-on wakeup
2
FFFB16
FFFA16
AND operation of input logic level of port P0 (input) External interrupt
INT0
3
FFF916
FFF816
At detection of either rising or falling edge of INT0
input
External interrupt
(active edge selectable)
INT1
4
FFF716
FFF616
At detection of either rising or falling edge of INT1
input
External interrupt
(active edge selectable)
Timer 2
5
FFF516
FFF416
At timer 2 underflow
Timer 3
6
FFF316
FFF216
At timer 3 underflow
Timer 1
7
FFF116
FFF016
At timer 1 underflow
STP release timer underflow
BRK instruction
8
FFDD16
FFDC16
At BRK instruction execution
Non-maskable software interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com