Electronic Components Datasheet Search
  English  ▼

X  

7545 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # 7545
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7545 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button 7545 Datasheet HTML 12Page - Renesas Technology Corp 7545 Datasheet HTML 13Page - Renesas Technology Corp 7545 Datasheet HTML 14Page - Renesas Technology Corp 7545 Datasheet HTML 15Page - Renesas Technology Corp 7545 Datasheet HTML 16Page - Renesas Technology Corp 7545 Datasheet HTML 17Page - Renesas Technology Corp 7545 Datasheet HTML 18Page - Renesas Technology Corp 7545 Datasheet HTML 19Page - Renesas Technology Corp 7545 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 62 page
background image
Rev.1.06
Mar 07, 2008
Page 16 of 59
REJ03B0140-0106
7545 Group
Fig. 12 Structure of Function set ROM area
b7
Function set ROM data
(FSROM: address FFDA16)
b0
Watchdog timer disable bit
0: Watchdog timer enabled
1: Watchdog timer disabled
STP instruction function selection bit
0: Internal reset occurs at the STP
instruction execution
1: System enters into the stop mode
at the STP instrcution execution
MCU package set bit
0: GP package version
1: KP package version
Set “0” to this bit.
Voltage drop detection circuit valid bit
0: Voltage drop detection circuit invalid
1: Voltage drop detection circuit valid
Set “0” to this bit.
Setting the number of pins
0: set “0” to this bit in GP or KP
package version
1: set “1” to this bit in the emulator
MCU
Set “0” to this bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com