Electronic Components Datasheet Search
  English  ▼

X  

7545 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # 7545
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7545 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button 7545 Datasheet HTML 7Page - Renesas Technology Corp 7545 Datasheet HTML 8Page - Renesas Technology Corp 7545 Datasheet HTML 9Page - Renesas Technology Corp 7545 Datasheet HTML 10Page - Renesas Technology Corp 7545 Datasheet HTML 11Page - Renesas Technology Corp 7545 Datasheet HTML 12Page - Renesas Technology Corp 7545 Datasheet HTML 13Page - Renesas Technology Corp 7545 Datasheet HTML 14Page - Renesas Technology Corp 7545 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 62 page
background image
Rev.1.06
Mar 07, 2008
Page 11 of 59
REJ03B0140-0106
7545 Group
[Processor status register (PS)]
The processor status register is an 8-bit register consisting of
flags which indicate the status of the processor after an
arithmetic operation. Branch operations can be performed by
testing the Carry (C) flag, Zero (Z) flag, Overflow (V) flag, or
the Negative (N) flag. In decimal mode, the Z, V, N flags are not
valid.
After reset, the Interrupt disable (I) flag is set to “1”, but all other
flags are undefined. Since the Index X mode (T) and Decimal
mode (D) flags directly affect arithmetic operations, they should
be initialized in the beginning of a program.
Bit 0: Carry flag (C)
The C flag contains a carry or borrow generated by the
arithmetic logic unit (ALU) immediately after an arithmetic
operation. It can also be changed by a shift or rotate
instruction.
Bit 1: Zero flag (Z)
The Z flag is set if the result of an immediate arithmetic
operation or a data transfer is “0”, and cleared if the result is
anything other than “0”.
Bit 2: Interrupt disable flag (I)
The I flag disables all interrupts except for the interrupt
generated by the BRK instruction. Interrupts are disabled
when the I flag is “1”.
When an interrupt occurs, this flag is automatically set to “1”
to prevent other interrupts from interfering until the current
interrupt is serviced.
Bit 3: Decimal mode flag (D)
The D flag determines whether additions and subtractions are
executed in binary or decimal. Binary arithmetic is executed
when this flag is “0”; decimal arithmetic is executed when it
is “1”.
Decimal correction is automatic in decimal mode. Only the
ADC and SBC instructions can be used for decimal
arithmetic.
Bit 4: Break flag (B)
The B flag is used to indicate that the current interrupt was
generated by the BRK instruction. The BRK flag in the
processor status register is always “0”. When the BRK
instruction is used to generate an interrupt, the processor
status register is pushed onto the stack with the break flag set
to “1”. The saved processor status is the only place where the
break flag is ever set.
Bit 5: Index X mode flag (T)
When the T flag is “0”, arithmetic operations are performed
between accumulator and memory. When the T flag is “1”,
direct arithmetic operations and direct data transfers are
enabled between memory locations.
Bit 6: Overflow flag (V)
The V flag is used during the addition or subtraction of one
byte of signed data. It is set if the result exceeds +127 to -
128. When the BIT instruction is executed, bit 6 of the
memory location operated on by the BIT instruction is stored
in the overflow flag.
Bit 7: Negative flag (N)
The N flag is set if the result of an arithmetic operation or
data transfer is negative. When the BIT instruction is
executed, bit 7 of the memory location operated on by the
BIT instruction is stored in the negative flag.
Table 6
Set and clear instructions of each bit of processor status register
C flag
Z flag
I flag
D flag
B flag
T flag
V flag
N flag
Set instruction
SEC
−
SEI
SED
−
SET
−−
Clear instruction
CLC
−
CLI
CLD
−
CLT
CLV
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com