Electronic Components Datasheet Search
  English  ▼

X  

7545 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # 7545
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7545 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button 7545 Datasheet HTML 24Page - Renesas Technology Corp 7545 Datasheet HTML 25Page - Renesas Technology Corp 7545 Datasheet HTML 26Page - Renesas Technology Corp 7545 Datasheet HTML 27Page - Renesas Technology Corp 7545 Datasheet HTML 28Page - Renesas Technology Corp 7545 Datasheet HTML 29Page - Renesas Technology Corp 7545 Datasheet HTML 30Page - Renesas Technology Corp 7545 Datasheet HTML 31Page - Renesas Technology Corp 7545 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 62 page
background image
Rev.1.06
Mar 07, 2008
Page 28 of 59
REJ03B0140-0106
7545 Group
.
Fig. 24 Block diagram of timer 1, timer 2, timer 3 and carrier wave generating circuit
1/16
1/2
1/8
1/1
Timer 2 secondary latch (8)
Timer 2(8)
Wave expansion function
Reload control
circuit
Reload control
circuit
Timer 2 primary latch (8)
Timer 2 interrupt request
Timer 3 interrupt request
Timer 3 count value reload bit
P42/CARR
"00"
"0"
"1"
"0"
"0"
"1"
"01"
"10"
"11"
Timer 1(8)
Prescaler 1 (8)
Timer 3 latch (8)
Carrier wave output valid bit
Software carrier wave output bit
Carrier wave output level bit
Timer 3(8)
Timer 1 latch (8)
Prescaler 1 latch (8)
Timer 1 interrupt request
f(XIN)/16
Timer 2 count source selection bits
1/16
1/2
1/8
"00"
"01"
"10"
"11"
Timer 3 count source selection bits
Toggle flip flop
Toggle flip flop
Timer 2 count value reload bit
T
R
Q
T
R
Q
Carrier wave "H" interval expansion bit
Trigger stop
Carrier wave output trigger bit
Data bus
Data bus
Data bus
"1"
"0"
Carrier wave auto-output control bit
"1"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com