Electronic Components Datasheet Search
  English  ▼

X  

7545 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # 7545
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7545 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button 7545 Datasheet HTML 15Page - Renesas Technology Corp 7545 Datasheet HTML 16Page - Renesas Technology Corp 7545 Datasheet HTML 17Page - Renesas Technology Corp 7545 Datasheet HTML 18Page - Renesas Technology Corp 7545 Datasheet HTML 19Page - Renesas Technology Corp 7545 Datasheet HTML 20Page - Renesas Technology Corp 7545 Datasheet HTML 21Page - Renesas Technology Corp 7545 Datasheet HTML 22Page - Renesas Technology Corp 7545 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 62 page
background image
Rev.1.06
Mar 07, 2008
Page 19 of 59
REJ03B0140-0106
7545 Group
Termination of Unused Pins
1. Termination of common pins
I/O ports:
Select an input port or an output port and follow
each processing method.
Output ports: Open.
Input ports:
If the input level become unstable, through current
flow to an input circuit, and the power supply
current may increase.
Especially, when expecting low consumption
current (at STP or WIT instruction execution etc.),
pull-up or pull-down input ports to prevent
through current (built-in resistor can be used).
We recommend processing unused pins through a
resistor which can secure IOH(avg) or IOL(avg).
Table 8
Termination of unused pins
Pin
Termination 1 (recommend)
Termination 2 (recommend)
P00/KEY0
−P07/KEY7
I/O port
When selecting key-on wakeup function, perform termination of input port.
P10
−P11(RLSS-only pin)
When selecting N-channel open-drain for output structure, open.
P20 (LED0)/INT0
When selecting N-channel open-drain for output structure, connect to VSS
through a resistor. Or set its port latch to “0” and open.
P21 (LED1)/INT1
When selecting N-channel open-drain for output structure, connect to VSS
through a resistor. Or set its port latch to “0” and open.
P22 (LED2)
−P27 (LED7)
When selecting N-channel open-drain for output structure, open.
P30
−P37
When selecting N-channel open-drain for output structure, open.
P40 (LED8) (RLSS-only pin)
−
P41 (LED9) (RLSS-only pin)
−
P42/CARR
When selecting CARR output function, perform termination of output port.
VDDR
Connect to VSS.
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com