Electronic Components Datasheet Search
  English  ▼

X  

7545 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 7545
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7545 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button 7545 Datasheet HTML 3Page - Renesas Technology Corp 7545 Datasheet HTML 4Page - Renesas Technology Corp 7545 Datasheet HTML 5Page - Renesas Technology Corp 7545 Datasheet HTML 6Page - Renesas Technology Corp 7545 Datasheet HTML 7Page - Renesas Technology Corp 7545 Datasheet HTML 8Page - Renesas Technology Corp 7545 Datasheet HTML 9Page - Renesas Technology Corp 7545 Datasheet HTML 10Page - Renesas Technology Corp 7545 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 62 page
background image
Rev.1.06
Mar 07, 2008
Page 7 of 59
REJ03B0140-0106
7545 Group
PIN DESCRIPTION
Table 3
Pin description
Pin
Name
Function
Function expect a port function
VCC, VSS
Power source
• Apply voltage of 1.8 to 3.6V to VCC, and 0 V to VSS.
VDDR
Power source
• Power source pin only for RAM2. When this pin is used, connect an approximately 0.1
µF
bypass capacitor across the VSS line and the VDDR line. When not used, connect it to VSS.
CNVSS
CNVSS
• Chip operating mode control pin, which is always connected to Vss.
RESET
Reset I/O
• An N-channel open-drain I/O pin for a system reset. This pin has a pull-up transistor. When the
watchdog timer, the built-in power-on reset or the voltage drop detection circuit causes the
system to be reset, the RESET pin outputs "L" level.
XIN
Clock input
• Input and output pins for main clock generating circuit
• Connect a ceramic resonator or quartz-crystal oscillator between the XIN and XOUT pins.
XOUT
Clock output
P00/KEY0
−
P07/KEY7
I/O port P0
• 8-bit I/O port.
• I/O direction register allows each pin to be individually
programmed as either input or output.
• CMOS compatible input level
• CMOS 3-state output structure
• Whether the pull-up function/key-on wakeup function
is to be used or not can be determined by program.
• Key-input (key-on wake up interrupt
input) pins
P10, P11
I/O port P1
• 2-bit I/O port having almost the same function as P0.
• CMOS compatible input level
• The output structure can be switched to N-channel
open-drain or CMOS by software.
Note: RLSS-only pins
P20(LED0)/INT0
P21(LED1)/INT1
P22(LED2)
−
P27(LED7)
I/O port P2
• 8-bit I/O port having almost the same function as P0.
• CMOS compatible input level
• The output structure can be switched to N-channel
open-drain or CMOS by software.
• P2 can output a large current for driving LED.
• Interrupt input pins
P30
−P37
I/O port P3
• 8-bit I/O port
• I/O direction register allows each pin to be individually programmed as either input or output.
• CMOS compatible input level
• The output structure can be switched to N-channel open-drain or CMOS by software.
P40(LED8),
P41(LED9)
I/O port P4
• 2-bit I/O port having almost the same function as P0.
• CMOS compatible input level
• CMOS 3-state output structure
Note: RLSS-only pins
P42/CARR
• 1-bit I/O port
• CMOS compatible input level
• CMOS 3-state output structure
• Carrier wave output pin for remote-
control transmit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com