| Electronic Components Datasheet Search |
|
SH7201 Datasheet(PDF) 136 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7201 Datasheet(HTML) 136 Page - Renesas Technology Corp |
|
136 / 1196 page ![]() Section 5 Exception Handling Rev. 2.00 Sep. 07, 2007 Page 108 of 1164 REJ09B0321-0200 5.7.2 Trap Instructions When a TRAPA instruction is executed, trap instruction exception handling starts. The CPU operates as follows: 1. The exception service routine start address which corresponds to the vector number specified in the TRAPA instruction is fetched from the exception handling vector table. 2. The status register (SR) is saved to the stack. 3. The program counter (PC) is saved to the stack. The PC value saved is the start address of the instruction to be executed after the TRAPA instruction. 4. After jumping to the address fetched from the exception handling vector table, program execution starts. The jump that occurs is not a delayed branch. 5.7.3 Slot Illegal Instructions An instruction placed immediately after a delayed branch instruction is said to be placed in a delay slot. When the instruction placed in the delay slot is undefined code, an instruction that rewrites the PC, a 32-bit instruction, an RESBANK instruction, a DIVS instruction, or a DIVU instruction, slot illegal exception handling starts when such kind of instruction is decoded. The CPU operates as follows: 1. The exception service routine start address is fetched from the exception handling vector table. 2. The status register (SR) is saved to the stack. 3. The program counter (PC) is saved to the stack. The PC value saved is the jump address of the delayed branch instruction immediately before the undefined code, the instruction that rewrites the PC, the 32-bit instruction, the RESBANK instruction, the DIVS instruction, or the DIVU instruction. 4. After jumping to the address fetched from the exception handling vector table, program execution starts. The jump that occurs is not a delayed branch. 5.7.4 General Illegal Instructions When undefined code placed anywhere other than immediately after a delayed branch instruction (delay slot) is decoded, general illegal instruction exception handling starts. The CPU handles general illegal instructions in the same way as slot illegal instructions. Unlike processing of slot illegal instructions, however, the program counter value stored is the start address of the undefined code. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |