| Electronic Components Datasheet Search |
|
SH7201 Datasheet(PDF) 137 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7201 Datasheet(HTML) 137 Page - Renesas Technology Corp |
|
137 / 1196 page ![]() Section 5 Exception Handling Rev. 2.00 Sep. 07, 2007 Page 109 of 1164 REJ09B0321-0200 5.7.5 Integer Division Instructions When an integer division instruction performs division by zero or the result of integer division overflows, integer division instruction exception handling starts. The instructions that may become the source of division-by-zero exception are DIVU and DIVS. The only source instruction of overflow exception is DIVS, and overflow exception occurs only when the negative maximum value is divided by −1. The CPU operates as follows: 1. The exception service routine start address which corresponds to the integer division instruction exception that occurred is fetched from the exception handling vector table. 2. The status register (SR) is saved to the stack. 3. The program counter (PC) is saved to the stack. The PC value saved is the start address of the integer division instruction at which the exception occurred. 4. After jumping to the address fetched from the exception handling vector table, program execution starts. The jump that occurs is not a delayed branch. 5.7.6 Floating-point Operation Instruction When the bits V, Z, O, U, or I in the enabled field of the floating point status/control register (FPSCR) are set, a FPU exception is generated. This means that instructions that cause disabled operation exception defined by IEEE754 standard, division exception by zero, overflow (possible instruction), underflow (possible instruction), or imprecise exception (possible instruction) are yielded. Floating-point operation instructions that can be exception sources are FADD, FSUB, FMUL, FDIV, FMAC, FCMP/EQ, FCMP/GT, FLOAT, FTRC, FCNVDS, FCNVSD, and FSQRT. FPU exceptions occur only when the said enabled bits are set. When the FPU detects exception sources, the FPU operation stops and exception occurrence is notified to the CPU. The CPU starts the exception handling as follows: 1. The exception service routine start address which corresponds to the FPU exception that occurred is fetched from the exception handling vector table. 2. The status register (SR) is saved to the stack. 3. The program counter (PC) is saved to the stack. The PC value saved is the start address of the instruction to be executed after the last executed instruction. 4. After jumping to the address fetched from the exception handling vector table, program execution starts. The jump that occurs is not a delayed branch. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |