Electronic Components Datasheet Search
  English  ▼

X  

SH7201 Datasheet(PDF) 160 Page - Renesas Technology Corp

Part # SH7201
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7201 Datasheet(HTML) 160 Page - Renesas Technology Corp

Back Button SH7201 Datasheet HTML 156Page - Renesas Technology Corp SH7201 Datasheet HTML 157Page - Renesas Technology Corp SH7201 Datasheet HTML 158Page - Renesas Technology Corp SH7201 Datasheet HTML 159Page - Renesas Technology Corp SH7201 Datasheet HTML 160Page - Renesas Technology Corp SH7201 Datasheet HTML 161Page - Renesas Technology Corp SH7201 Datasheet HTML 162Page - Renesas Technology Corp SH7201 Datasheet HTML 163Page - Renesas Technology Corp SH7201 Datasheet HTML 164Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 1196 page
background image
Section 6 Interrupt Controller (INTC)
Rev. 2.00 Sep. 07, 2007 Page 132 of 1164
REJ09B0321-0200
6.3.13
DMA Transfer Request Enable Register 3 (DREQER3)
DMA transfer request enable register 3 (DREQER3) is an 8-bit readable/writable register that
enables/disables the ADC, MTU2 (channels 0 to 4), and RCAN-ET (channels 0 and 1) DMA
transfer requests, and enables/disables CPU interrupt requests.
DMA transfer request enable register 3 is initialized by a power-on reset or in deep standby mode.
0
1
2
3
4
5
6
7
00
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
ADC
MTU2
4ch
MTU2
3ch
MTU2
2ch
MTU2
1ch
MTU2
0ch
RCAN-ET
1ch
RCAN-ET
0ch
Bit:
Initial value:
R/W:
Bit
Bit Name
Initial
Value
R/W
Description
7
ADC
0
R/W
6
MTU2 4ch
0
R/W
5
MTU2 3ch
0
R/W
4
MTU2 2ch
0
R/W
3
MTU2 1ch
0
R/W
2
MTU2 0ch
0
R/W
1
RCAN-ET 1ch
0
R/W
0
RCAN-ET 0ch
0
R/W
DMA Transfer Request Enable Bits
These bits enable/disable DMA transfer requests, and
enable/disable CPU interrupt requests.
0: DMA transfer request disabled, CPU interrupt
request enabled
1: DMA transfer request enabled, CPU interrupt request
disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com