Electronic Components Datasheet Search
  English  ▼

X  

SH7201 Datasheet(PDF) 161 Page - Renesas Technology Corp

Part # SH7201
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7201 Datasheet(HTML) 161 Page - Renesas Technology Corp

Back Button SH7201 Datasheet HTML 157Page - Renesas Technology Corp SH7201 Datasheet HTML 158Page - Renesas Technology Corp SH7201 Datasheet HTML 159Page - Renesas Technology Corp SH7201 Datasheet HTML 160Page - Renesas Technology Corp SH7201 Datasheet HTML 161Page - Renesas Technology Corp SH7201 Datasheet HTML 162Page - Renesas Technology Corp SH7201 Datasheet HTML 163Page - Renesas Technology Corp SH7201 Datasheet HTML 164Page - Renesas Technology Corp SH7201 Datasheet HTML 165Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 1196 page
background image
Section 6 Interrupt Controller (INTC)
Rev. 2.00 Sep. 07, 2007 Page 133 of 1164
REJ09B0321-0200
6.4
Interrupt Sources
There are six types of interrupt sources: NMI, user break, H-UDI, IRQ, PINT, and on-chip
peripheral modules. Each interrupt has a priority level (0 to 16), with 0 the lowest and 16 the
highest. When set to level 0, that interrupt is masked at all times.
6.4.1
NMI Interrupt
The NMI interrupt has a priority level of 16 and is accepted at all times. NMI interrupt requests
are edge-detected, and the NMI edge select bit (NMIE) in interrupt control register 0 (ICR0)
selects whether the rising edge or falling edge is detected.
Though the priority level of the NMI interrupt is 16, the NMI interrupt exception handling sets the
interrupt mask level bits (I3 to I0) in the status register (SR) to level 15.
6.4.2
User Break Interrupt
A user break interrupt which occurs when a break condition set in the user break controller (UBC)
matches has a priority level of 15. The user break exception handling sets the I3 to I0 bits in SR to
level 15. For user break interrupts, see section 7, User Break Controller (UBC).
6.4.3
H-UDI Interrupt
The user debugging interface (H-UDI) interrupt has a priority level of 15, and occurs at serial
input of an H-UDI interrupt instruction. H-UDI interrupt requests are edge-detected and retained
until they are accepted. The H-UDI exception handling sets the I3 to I0 bits in SR to level 15. For
H-UDI interrupts, see section 26, User Debugging Interface (H-UDI).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com