Electronic Components Datasheet Search
  English  ▼

X  

SH7201 Datasheet(PDF) 163 Page - Renesas Technology Corp

Part # SH7201
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7201 Datasheet(HTML) 163 Page - Renesas Technology Corp

Back Button SH7201 Datasheet HTML 159Page - Renesas Technology Corp SH7201 Datasheet HTML 160Page - Renesas Technology Corp SH7201 Datasheet HTML 161Page - Renesas Technology Corp SH7201 Datasheet HTML 162Page - Renesas Technology Corp SH7201 Datasheet HTML 163Page - Renesas Technology Corp SH7201 Datasheet HTML 164Page - Renesas Technology Corp SH7201 Datasheet HTML 165Page - Renesas Technology Corp SH7201 Datasheet HTML 166Page - Renesas Technology Corp SH7201 Datasheet HTML 167Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 1196 page
background image
Section 6 Interrupt Controller (INTC)
Rev. 2.00 Sep. 07, 2007 Page 135 of 1164
REJ09B0321-0200
6.4.5
PINT Interrupts
PINT interrupts are input from pins PINT7 to PINT0. As regard to the setting method of pins
PINT7 to PINT0, see section 23, Pin Function Controller (PFC). Input of the interrupt requests is
enabled by the PINT enable bits (PINT7E to PINT0E) in the PINT interrupt enable register
(PINTER). For the PINT7 to PINT0 interrupts, low-level or high-level detection can be selected
individually for each pin by the PINT sense select bits (PINT7S to PINT0S) in interrupt control
register 2 (ICR2). A single priority level in a range from 0 to 15 can be set for all PINT7 to PINT0
interrupts by bits 15 to 12 in interrupt priority register 05 (IPR05).
When using low-level sensing for the PINT7 to PINT0 interrupts, an interrupt request signal is
sent to the INTC while the PINT7 to PINT0 pins are low. An interrupt request signal is stopped
being sent to the INTC when the PINT7 to PINT0 pins are driven high. The status of the interrupt
requests can be checked by reading the PINT interrupt request bits (PINT7R to PINT0R) in the
PINT interrupt request register (PIRR). The above description also applies to when using high-
level sensing, except for the polarity being reversed. The PINT interrupt exception handling sets
the I3 to I0 bits in SR to the priority level of the PINT interrupt.
When restoring from the service routine of PINT interrupt exception handling, execute the RTE
instruction after an interrupt request has been cleared in the PINT interrupt request register
(PIRR).
6.4.6
On-Chip Peripheral Module Interrupts
On-chip peripheral module interrupts are generated by the following on-chip peripheral modules:
• A/D converter (ADC)
• Multi-function timer pulse unit 2 (MTU2)
• Realtime clock (RTC)
• Watchdog timer (WDT)
• I2C bus interface 3 (IIC3)
• Direct memory access controller (DMAC)
• Serial communication interface with FIFO (SCIF)
• Controller area network (RCAN-ET)
• Serial sound interface (SSI)
• 8-bit timer (TMR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com