Electronic Components Datasheet Search
  English  ▼

X  

SH7201 Datasheet(PDF) 186 Page - Renesas Technology Corp

Part # SH7201
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7201 Datasheet(HTML) 186 Page - Renesas Technology Corp

Back Button SH7201 Datasheet HTML 182Page - Renesas Technology Corp SH7201 Datasheet HTML 183Page - Renesas Technology Corp SH7201 Datasheet HTML 184Page - Renesas Technology Corp SH7201 Datasheet HTML 185Page - Renesas Technology Corp SH7201 Datasheet HTML 186Page - Renesas Technology Corp SH7201 Datasheet HTML 187Page - Renesas Technology Corp SH7201 Datasheet HTML 188Page - Renesas Technology Corp SH7201 Datasheet HTML 189Page - Renesas Technology Corp SH7201 Datasheet HTML 190Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 1196 page
background image
Section 6 Interrupt Controller (INTC)
Rev. 2.00 Sep. 07, 2007 Page 158 of 1164
REJ09B0321-0200
6.8.4
Register Bank Exception
There are two register bank exceptions (register bank errors): register bank overflow and register
bank underflow.
(1)
Register Bank Overflow
This exception occurs if, after data has been saved to all of the register banks, an interrupt for
which register bank use is allowed is accepted by the CPU, and the BOVE bit in the bank number
register (IBNR) is set to 1. In this case, the bank number bit (BN) value in the bank number
register (IBNR) remains set to the bank count of 15 and saving is not performed to the register
bank.
(2)
Register Bank Underflow
This exception occurs if the RESBANK (restore from register bank) instruction is executed when
no data has been saved to the register banks. In this case, the values of R0 to R14, GBR, MACH,
MACL, and PR do not change. In addition, the bank number bit (BN) value in the bank number
register (IBNR) remains set to 0.
6.8.5
Register Bank Error Exception Handling
When a register bank error occurs, register bank error exception handling starts. When this
happens, the CPU operates as follows:
1. The exception service routine start address which corresponds to the register bank error that
occurred is fetched from the exception handling vector table.
2. The status register (SR) is saved to the stack.
3. The program counter (PC) is saved to the stack. The PC value saved is the start address of the
instruction to be executed after the last executed instruction for a register bank overflow, and
the start address of the executed RESBANK instruction for a register bank underflow. To
prevent multiple interrupts from occurring at a register bank overflow, the interrupt priority
level that caused the register bank overflow is written to the interrupt mask level bits (I3 to I0)
of the status register (SR).
4. Program execution starts from the exception service routine start address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com