Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 491 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 491 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 487Page - Renesas Technology Corp SH7101 Datasheet HTML 488Page - Renesas Technology Corp SH7101 Datasheet HTML 489Page - Renesas Technology Corp SH7101 Datasheet HTML 490Page - Renesas Technology Corp SH7101 Datasheet HTML 491Page - Renesas Technology Corp SH7101 Datasheet HTML 492Page - Renesas Technology Corp SH7101 Datasheet HTML 493Page - Renesas Technology Corp SH7101 Datasheet HTML 494Page - Renesas Technology Corp SH7101 Datasheet HTML 495Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 491 / 560 page
background image
Section 18 Power-Down Modes
Rev.1.00 Sep. 18, 2008 Page 457 of 522
REJ09B0069-0100
When an internal power-on reset by the WDT occurs, sleep mode is also cleared.
• Clearing by a manual reset
When the
MRES pin is driven low while the RES pin goes high, the CPU shifts to the manual
reset state and thus sleep mode is cleared.
When an internal manual reset by the WDT occurs, sleep mode is also cleared.
18.3.2
Software Standby Mode
(1) Transition to Software Standby Mode
A transition is made to software standby mode if the SLEEP instruction is executed while the
SSBY bit in SBYCR is set to 1. In this mode, the CPU, on-chip peripheral functions, and
oscillator, all stop.
However, the contents of the CPU's internal registers and on-chip RAM data (when the RAME bit
in SYSCR is 0) are retained as long as the specified voltage is supplied. There are two types of on-
chip peripheral module registers; ones which are initialized by software standby mode, and those
not initialized by that mode. For details, refer to section 19.3, Register States in Each Operating
Mode. The port high-impedance bit (HIZ) in SBYCR sets the state of the I/O port either to
"retained" or "high-impedance". For the state of pins, refer to appendix A, Pin States. In software
standby mode, the oscillator stops and thus power consumption is significantly reduced.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com