Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 487 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 487 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 483Page - Renesas Technology Corp SH7101 Datasheet HTML 484Page - Renesas Technology Corp SH7101 Datasheet HTML 485Page - Renesas Technology Corp SH7101 Datasheet HTML 486Page - Renesas Technology Corp SH7101 Datasheet HTML 487Page - Renesas Technology Corp SH7101 Datasheet HTML 488Page - Renesas Technology Corp SH7101 Datasheet HTML 489Page - Renesas Technology Corp SH7101 Datasheet HTML 490Page - Renesas Technology Corp SH7101 Datasheet HTML 491Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 487 / 560 page
background image
Section 18 Power-Down Modes
Rev.1.00 Sep. 18, 2008 Page 453 of 522
REJ09B0069-0100
18.2.1
Standby Control Register (SBYCR)
SBYCR is an 8-bit readable/writable register that performs software standby mode control.
Bit
Bit Name
Initial
Value
R/W
Description
7
SSBY
0
R/W
Software Standby
Specifies the transition mode after executing the SLEEP
instruction.
0: Transition to sleep mode after the SLEEP instruction
has been executed
1: Transition to software standby mode after the SLEEP
instruction has been executed
This bit cannot be set to 1 when the watchdog timer
(WDT) is operating (when the TME bit in TCSR of the
WDT is set to 1). When entering software standby mode,
clear the TME bit to 0, stop the WDT, then set the SSBY
bit to 1.
6
HIZ
0
R/W
Port High-Impedance
In software standby mode, this bit selects whether the pin
state of the I/O port is retained or changed to high-
impedance.
0: In software standby mode, the pin state is retained.
1: In software standby mode, the pin state is changed to
high-impedance.
The HIZ bit cannot be set to 1 when the TEM bit in TCSR
of the WDT is set to 1.
When changing the pin state of the I/O port to high-
impedance, clear the TEM bit to 0, then set the HIZ bit to
1.
5
⎯
0
R
Reserved
This bit is always read as 0. The write value should always
be 0.
4 to 1
⎯
All 1
R
Reserved
These bits are always read as 1. The write value should
always be 1.
0
IRQEL
1
R/W
IRQ3 to IRQ0 Enable
Enables to clear software standby mode by IRQ interrupts.
0: Software standby mode is cleared.
1: Software standby mode is not cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com