| Electronic Components Datasheet Search |
|
SH7101 Datasheet(PDF) 191 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7101 Datasheet(HTML) 191 Page - Renesas Technology Corp |
|
191 / 560 page ![]() Section 8 Multifunction Timer Pulse Unit (MTU) Rev.1.00 Sep. 18, 2008 Page 157 of 522 REJ09B0069-0100 Table 8.28 Output Level Select Function Function Bit 2 Bit 1 Bit 0 TIOC3B TIOC4A TIOC4B TIOC3D TIOC4C TIOC4D WF VF UF U Phase V Phase W Phase U Phase V Phase W Phase 0 0 0 OFF OFF OFF OFF OFF OFF 1 ON OFF OFF OFF OFF ON 1 0 OFF ON OFF ON OFF OFF 1 OFF ON OFF OFF OFF ON 1 0 0 OFF OFF ON OFF ON OFF 1 ON OFF OFF OFF ON OFF 1 0 OFF OFF ON ON OFF OFF 1 OFF OFF OFF OFF OFF OFF 8.3.13 Timer Subcounter (TCNTS) TCNTS is a 16-bit read-only counter that is used only in complementary PWM mode. The initial value is H'0000. Note: Accessing the TCNTS in 8-bit units is prohibited. Always access in 16-bit units. 8.3.14 Timer Dead Time Data Register (TDDR) TDDR is a 16-bit register, used only in complementary PWM mode, that specifies the TCNT_3 and TCNT_4 counter offset values. In complementary PWM mode, when the TCNT_3 and TCNT_4 counters are cleared and then restarted, the TDDR register value is loaded into the TCNT_3 counter and the count operation starts. The initial value is H'FFFF. Note: Accessing the TDDR in 8-bit units is prohibited. Always access in 16-bit units. 8.3.15 Timer Period Data Register (TCDR) TCDR is a 16-bit register used only in complementary PWM mode. Set half the PWM carrier sync value as the TCDR register value. This register is constantly compared with the TCNTS counter in complementary PWM mode, and when a match occurs, the TCNTS counter switches direction (decrement to increment). The initial value is H'FFFF. Note: Accessing the TCDR in 8-bit units is prohibited. Always access in 16-bit units. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |