Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 192 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 192 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 188Page - Renesas Technology Corp SH7101 Datasheet HTML 189Page - Renesas Technology Corp SH7101 Datasheet HTML 190Page - Renesas Technology Corp SH7101 Datasheet HTML 191Page - Renesas Technology Corp SH7101 Datasheet HTML 192Page - Renesas Technology Corp SH7101 Datasheet HTML 193Page - Renesas Technology Corp SH7101 Datasheet HTML 194Page - Renesas Technology Corp SH7101 Datasheet HTML 195Page - Renesas Technology Corp SH7101 Datasheet HTML 196Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 560 page
background image
Section 8 Multifunction Timer Pulse Unit (MTU)
Rev.1.00 Sep. 18, 2008 Page 158 of 522
REJ09B0069-0100
8.3.16
Timer Period Buffer Register (TCBR)
The timer period buffer register (TCBR) is a 16-bit register used only in complementary PWM
mode. It functions as a buffer register for the TCDR register. The TCBR register values are
transferred to the TCDR register with the transfer timing set in the TMDR register. The initial
value is H'FFFF.
Note:
Accessing the TCBR in 8-bit units is prohibited. Always access in 16-bit units.
8.3.17
Bus Master Interface
The timer counters (TCNT), general registers (TGR), timer subcounter (TCNTS), timer period
buffer register (TCBR), and timer dead time data register (TDDR), and timer period data register
(TCDR) are 16-bit registers. A 16-bit data bus to the bus master enables 16-bit read/writes. 8-bit
read/write is not possible. Always access in 16-bit units.
All registers other than the above registers are 8-bit registers. These are connected to the CPU by a
16-bit data bus, so 16-bit read/writes and 8-bit read/writes are both possible.
8.4
Operation
8.4.1
Basic Functions
Each channel has a TCNT and TGR register. TCNT performs up-counting, and is also capable of
free-running operation, synchronous counting, and external event counting.
Each TGR can be used as an input capture register or output compare register.
Always set the MTU external pins function using the pin function controller (PFC).
Counter Operation
When one of bits CST0 to CST4 is set to 1 in TSTR, the TCNT counter for the corresponding
channel begins counting. TCNT can operate as a free-running counter, periodic counter, for
example.
Example of Count Operation Setting Procedure: Figure 8.3 shows an example of the count
operation setting procedure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com