Electronic Components Datasheet Search
  English  ▼

X  

SH7785 Datasheet(PDF) 154 Page - Renesas Technology Corp

Part # SH7785
Description  32-Bit RISC Microcomputer
PDF  1692 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7785 Datasheet(HTML) 154 Page - Renesas Technology Corp

Back Button SH7785 Datasheet HTML 150Page - Renesas Technology Corp SH7785 Datasheet HTML 151Page - Renesas Technology Corp SH7785 Datasheet HTML 152Page - Renesas Technology Corp SH7785 Datasheet HTML 153Page - Renesas Technology Corp SH7785 Datasheet HTML 154Page - Renesas Technology Corp SH7785 Datasheet HTML 155Page - Renesas Technology Corp SH7785 Datasheet HTML 156Page - Renesas Technology Corp SH7785 Datasheet HTML 157Page - Renesas Technology Corp SH7785 Datasheet HTML 158Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 1692 page
background image
5. Exception Handling
Rev.1.00 Jan. 10, 2008 Page 124 of 1658
REJ09B0261-0100
other exceptions is determined depending on the processing mode by SR after restoring or
the BL bit. The completion type exception is accepted before branching to the destination
of RTE instruction. However, if the re-execution type exception is occurred, the operation
cannot be guaranteed.
B. The user break is not accepted by the instruction in the delay slot of the RTE instruction.
(5)
Changing the SR Register Value and Accepting Exception
A. When the MD or BL bit in the SR register is changed by the LDC instruction, the
acceptance of the exception is determined by the changed SR value, starting from the next
instruction.* In the completion type exception, an exception is accepted after the next
instruction has been executed. However, an interrupt of completion type exception is
accepted before the next instruction is executed.
Note: * When the LDC instruction for SR is executed, following instructions are fetched again
and the instruction fetch exception is evaluated again by the changed SR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com