Electronic Components Datasheet Search
  English  ▼

X  

SH7785 Datasheet(PDF) 152 Page - Renesas Technology Corp

Part # SH7785
Description  32-Bit RISC Microcomputer
PDF  1692 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7785 Datasheet(HTML) 152 Page - Renesas Technology Corp

Back Button SH7785 Datasheet HTML 148Page - Renesas Technology Corp SH7785 Datasheet HTML 149Page - Renesas Technology Corp SH7785 Datasheet HTML 150Page - Renesas Technology Corp SH7785 Datasheet HTML 151Page - Renesas Technology Corp SH7785 Datasheet HTML 152Page - Renesas Technology Corp SH7785 Datasheet HTML 153Page - Renesas Technology Corp SH7785 Datasheet HTML 154Page - Renesas Technology Corp SH7785 Datasheet HTML 155Page - Renesas Technology Corp SH7785 Datasheet HTML 156Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 1692 page
background image
5. Exception Handling
Rev.1.00 Jan. 10, 2008 Page 122 of 1658
REJ09B0261-0100
8. Initial page write exception in second data transfer
(2)
Indivisible Delayed Branch Instruction and Delay Slot Instruction
As a delayed branch instruction and its associated delay slot instruction are indivisible, they are
treated as a single instruction. Consequently, the priority order for exceptions that occur in these
instructions differs from the usual priority order. The priority order shown below is for the case
where the delay slot instruction has only one data transfer.
1. A check is performed for the interrupt type and re-execution type exceptions of priority levels
1 and 2 in the delayed branch instruction.
2. A check is performed for the interrupt type and re-execution type exceptions of priority levels
1 and 2 in the delay slot instruction.
3. A check is performed for the completion type exception of priority level 2 in the delayed
branch instruction.
4. A check is performed for the completion type exception of priority level 2 in the delay slot
instruction.
5. A check is performed for priority level 3 in the delayed branch instruction and priority level 3
in the delay slot instruction. (There is no priority ranking between these two.)
6. A check is performed for priority level 4 in the delayed branch instruction and priority level 4
in the delay slot instruction. (There is no priority ranking between these two.)
If the delay slot instruction has a second data transfer, two checks are performed in step 2, as in
the above case (Instructions that make two accesses to memory).
If the accepted exception (the highest-priority exception) is a delay slot instruction re-execution
type exception, the branch instruction PR register write operation (PC
→ PR operation performed
in a BSR, BSRF, or JSR instruction) is not disabled. Note that in this case, the contents of PR
register are not guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com