Electronic Components Datasheet Search
  English  ▼

X  

SH7785 Datasheet(PDF) 148 Page - Renesas Technology Corp

Part # SH7785
Description  32-Bit RISC Microcomputer
PDF  1692 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7785 Datasheet(HTML) 148 Page - Renesas Technology Corp

Back Button SH7785 Datasheet HTML 144Page - Renesas Technology Corp SH7785 Datasheet HTML 145Page - Renesas Technology Corp SH7785 Datasheet HTML 146Page - Renesas Technology Corp SH7785 Datasheet HTML 147Page - Renesas Technology Corp SH7785 Datasheet HTML 148Page - Renesas Technology Corp SH7785 Datasheet HTML 149Page - Renesas Technology Corp SH7785 Datasheet HTML 150Page - Renesas Technology Corp SH7785 Datasheet HTML 151Page - Renesas Technology Corp SH7785 Datasheet HTML 152Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 1692 page
background image
5. Exception Handling
Rev.1.00 Jan. 10, 2008 Page 118 of 1658
REJ09B0261-0100
(13) Pre-Execution User Break/Post-Execution User Break
• Source: Fulfilling of a break condition set in the user break controller
• Transition address: VBR + H'00000100, or DBR
• Transition operations:
In the case of a post-execution break, the PC contents for the instruction following the
instruction at which the breakpoint is set are set in SPC. In the case of a pre-execution break,
the PC contents for the instruction at which the breakpoint is set are set in SPC.
The SR and R15 contents when the break occurred are saved in SSR and SGR. Exception code
H'1E0 is set in EXPEVT.
The BL, MD, and RB bits are set to 1 in SR, and a branch is made to PC = VBR + H'0100. It is
also possible to branch to PC = DBR.
For details of PC, etc., when a data break is set, see section 29, User Break Controller (UBC).
User_break_exception()
{
SPC = (pre_execution break? PC : PC + 2);
SSR = SR;
SGR = R15;
EXPEVT = H'0000 01E0;
SR.MD = 1;
SR.RB = 1;
SR.BL = 1;
PC = (BRCR.UBDE==1 ? DBR : VBR + H
′0000 0100);
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com